Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVZ25RBN431KBS Datasheet(PDF) 5 Page - World Produts Inc.

Part # TVZ25RBN431KBS
Description  Thermally Protectected Varistors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

TVZ25RBN431KBS Datasheet(HTML) 5 Page - World Produts Inc.

  TVZ25RBN431KBS Datasheet HTML 1Page - World Produts Inc. TVZ25RBN431KBS Datasheet HTML 2Page - World Produts Inc. TVZ25RBN431KBS Datasheet HTML 3Page - World Produts Inc. TVZ25RBN431KBS Datasheet HTML 4Page - World Produts Inc. TVZ25RBN431KBS Datasheet HTML 5Page - World Produts Inc. TVZ25RBN431KBS Datasheet HTML 6Page - World Produts Inc. TVZ25RBN431KBS Datasheet HTML 7Page - World Produts Inc. TVZ25RBN431KBS Datasheet HTML 8Page - World Produts Inc. TVZ25RBN431KBS Datasheet HTML 9Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Thermally ProTecTecTed VarisTors
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 12.3
Thermally Protected Varistors | 3
Part Marking
T 14 EB N 241 K
(1) (2) (3) (4) (5)
(6)
(1) T = TVZ Series
(2) Disc Diameter
14 = 14mm
18 = 18mm
20 = 20mm
25 = 25mm (available in both round and rectangle types)
34 = 34mm
(3) Type
DB = 25mm Disc Size (Two Leads)
D = 25mm Disc Size (Three Leads)
EB = 14mm, 18mm & 20mm Disc Size (Two Leads)
EC = 14mm, 18mm & 20mm Disc Sizes (Three Leads)
RB = 25mm (rectangle type), 34mm Disc Size (Two Leads)
RC = 25mm (rectangle type), 34mm Disc Size (Three Leads)
(4) N = RoHs Compliant Series
(5) Varistor Voltage
241 = 24 x 101 = 240
(6) Tolerance
K = ±10%
Date Code
740 = First digit represents year (7 = 2007).
Second and third digits represent the week of the year.
NOTE: Parts will be marked SINCERA. (This is the brand name.)
SINCERA
T14EB241K
740
Date Code
SINCERA
T14EBN241K
740
Date Code
RoHS
Compliant “N”
Standard Version
RoHS Compliant Version


Similar Description - TVZ25RBN431KBS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV34S111MP LITTELFUSE-TMOV34S111MP Datasheet
994Kb / 8P
   Industrial High Energy Thermally Protected Varistors > TMOV짰34S Series
EC635 LITTELFUSE-EC635 Datasheet
325Kb / 4P
   Designing with thermally protected TMOV Varistors in TVSS Applications
LST3205VL2NT1 LITTELFUSE-LST3205VL2NT1 Datasheet
559Kb / 4P
   Metal Oxide Varistors (MOVs) LST Varistor Series > SPD Thermally Protected Varistor
Revised: 02/18/21
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
logo
List of Unclassifed Man...
2232592 ETC2-2232592 Datasheet
172Kb / 23P
   Varistors
logo
Vishay Siliconix
2322592 VISHAY-2322592 Datasheet
269Kb / 18P
   Varistors
Revision: 28-Apr-04
logo
Semikron International
SKVC20A460C SEMIKRON-SKVC20A460C Datasheet
149Kb / 2P
   VARISTORS
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
SIOV-CT0603M4G EPCOS-SIOV-CT0603M4G Datasheet
131Kb / 15P
   SMD Varistors
logo
Panasonic Semiconductor
EZJPZV6R8GANIL PANASONIC-EZJPZV6R8GANIL Datasheet
452Kb / 13P
   Multilayer Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com