Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4949EDTR-E Datasheet(PDF) 6 Page - STMicroelectronics

Part # L4949EDTR-E
Description  Multifunction very low drop voltage regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4949EDTR-E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L4949EDTR-E Datasheet HTML 2Page - STMicroelectronics L4949EDTR-E Datasheet HTML 3Page - STMicroelectronics L4949EDTR-E Datasheet HTML 4Page - STMicroelectronics L4949EDTR-E Datasheet HTML 5Page - STMicroelectronics L4949EDTR-E Datasheet HTML 6Page - STMicroelectronics L4949EDTR-E Datasheet HTML 7Page - STMicroelectronics L4949EDTR-E Datasheet HTML 8Page - STMicroelectronics L4949EDTR-E Datasheet HTML 9Page - STMicroelectronics L4949EDTR-E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Block diagram and pin description
L4949ED-E, L4949EP-E
6/19
Doc ID 16823 Rev 1
Table 2.
Pin definitions and functions
Pin N°
Symbol
Function
SO-8
SO-20
119
VS
Input supply voltage. Block to GND via an external
capacitor (see Figure 3).
220
SI
Sense input pin to supervise input voltage. Connect via an
external voltage divider connected to VS and to GND.
31
VZ
Preregulator output voltage. For details, see Section 3.4:
Preregulator.
42
CT
Reset pulse delay adjustment. Connecting this pin via a
capacitor to GND
5
4, 5, 6, 7, 14,
15, 16, 17
GND
Ground reference
610
RES
Reset output. It is pulled down when the output voltage
goes below VRT.
711
SO
Sense output. This open collector pin must be connected to
VOUT via an external resistor. It is pulled down whenever
the SI voltage becomes lower than an internal voltage.
812
VOUT
Output voltage. Block to GND via an external capacitor (see
Figure 3)
-
3, 8, 9, 13, 18
NC
Not connected pins


Similar Part No. - L4949EDTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4949EDTR-E STMICROELECTRONICS-L4949EDTR-E Datasheet
475Kb / 19P
   Multifunction very low drop voltage regulator
More results

Similar Description - L4949EDTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4949ED-E STMICROELECTRONICS-L4949ED-E Datasheet
475Kb / 19P
   Multifunction very low drop voltage regulator
logo
E-Tech Electronics LTD
L2949E ETL-L2949E Datasheet
140Kb / 7P
   MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
logo
STMicroelectronics
L4949E STMICROELECTRONICS-L4949E Datasheet
77Kb / 10P
   MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
L4949ED013TR STMICROELECTRONICS-L4949ED013TR Datasheet
501Kb / 19P
   Multifunction very low drop voltage regulator
logo
ON Semiconductor
L4949 ONSEMI-L4949 Datasheet
191Kb / 8P
   MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
1998 Rev 1
logo
STMicroelectronics
L4925 STMICROELECTRONICS-L4925 Datasheet
69Kb / 8P
   VERY LOW DROP VOLTAGE REGULATOR
logo
Motorola, Inc
L4949 MOTOROLA-L4949 Datasheet
196Kb / 8P
   MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
logo
TelCom Semiconductor, I...
TC4949 TELCOM-TC4949 Datasheet
352Kb / 9P
   Multifunction Very Low Dropout Voltage Regulator
logo
STMicroelectronics
LDR1833 STMICROELECTRONICS-LDR1833_08 Datasheet
407Kb / 16P
   Very low drop dual voltage regulator
L4945 STMICROELECTRONICS-L4945 Datasheet
43Kb / 6P
   5V VERY LOW DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com