Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZW06-154B Datasheet(PDF) 2 Page - STMicroelectronics

Part # BZW06-154B
Description  TRANSIL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BZW06-154B Datasheet(HTML) 2 Page - STMicroelectronics

  BZW06-154B Datasheet HTML 1Page - STMicroelectronics BZW06-154B Datasheet HTML 2Page - STMicroelectronics BZW06-154B Datasheet HTML 3Page - STMicroelectronics BZW06-154B Datasheet HTML 4Page - STMicroelectronics BZW06-154B Datasheet HTML 5Page - STMicroelectronics BZW06-154B Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BZW06-xx
2/6
I
I F
V F
V
VCL
VBR
VRM
I PP
I RM
V
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current @ VRM
IPP
Peak pulse current
αT
Voltage temperature coefficient
VF
Forward voltage drop
ELECTRICAL CHARACTERISTICS (Tamb = 25°C)
Types
IRM @VRM
VBR
@IR
VCL @IPP
VCL @IPP
αTC
max
min
max
max
max
typ
note2
10/1000
µs
8/20
µs
note3
note4
Unidirectional
Bidirectional
µA
V
VmAV
A
V
A
10
-4/°C
pF
BZW06-5V8
BZW06-5V8B
1000
5.8
6.45
10
10.5
57.0
13.4
298
5.7
4000
BZW06-6V4
BZW06-6V4B
500
6.4
7.13
10
11.3
53.0
14.5
276
6.1
3700
BZW06-8V5
BZW06-8V5B
10
8.5
9.5
1
14.5
41
18.6
215
7.3
2800
BZW06-10
BZW06-10B
5
10.2
11.4
1
16.7
36.0
21.7
184
7.8
2300
BZW06-13
BZW06-13B
5
12.8
14.3
1
21.2
28.0
27.2
147
8.4
1900
BZW06-15
BZW06-15B
1
15.3
17.1
1
25.2
24.0
32.5
123
8.8
1600
BZW06-19
BZW06-19B
1
18.8
20.9
1
30.6
19.6
39.3
102
9.2
1350
BZW06-20
BZW06-20B
1
20.5
22.8
1
33.2
18.0
42.8
93
9.4
1250
BZW06-23
BZW06-23B
1
23.1
25.7
1
37.5
16.0
48.3
83
9.6
1150
BZW06-26
BZW06-26B
1
25.6
28.5
1
41.5
14.5
53.5
75
9.7
1075
BZW06-28
BZW06-28B
1
28.2
31.4
1
45.7
13.1
59.0
68
9.8
1000
BZW06-31
BZW06-31B
1
30.8
34.2
1
49.9
12.0
64.3
62
9.6
950
BZW06-33
BZW06-33B
1
33.3
37.1
1
53.9
11.1
69.7
57
10.0
900
BZW06-40
BZW06-40B
1
40.2
44.7
1
64.8
9.3
84
48
10.1
800
BZW06-48
BZW06-48B
1
47.8
53.2
1
77.0
7.8
100
40
10.3
700
BZW06-58
BZW06-58B
1
58.1
64.6
1
92.0
6.5
121
33
10.4
625
BZW06-70
BZW06-70B
1
70.1
77.9
1
113
5.3
146
27.0
10.5
550
BZW06-85
BZW06-85B
1
85.5
95.0
1
137
4.4
178
22.5
10.6
500
BZW06-102
BZW06-102B
1
102
114
1
165
3.6
212
19.0
10.7
450
BZW06-128
BZW06-128B
1
128
143
1
207
2.9
265
15.0
10.8
400
BZW06-154
BZW06-154B
1
154
171
1
246
2.4
317
12.6
10.8
360
BZW06-171
BZW06-171B
1
171
190
1
274
2.2
353
11.3
10.8
350


Similar Part No. - BZW06-154B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW06-154B STMICROELECTRONICS-BZW06-154B Datasheet
172Kb / 6P
   TRANSIL
logo
EIC discrete Semiconduc...
BZW06-154B EIC-BZW06-154B Datasheet
49Kb / 4P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR
logo
Taiwan Semiconductor Co...
BZW06-154B TSC-BZW06-154B Datasheet
82Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Galaxy Semi-Conductor H...
BZW06-154B BILIN-BZW06-154B Datasheet
123Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
BZW06-154B TAYCHIPST-BZW06-154B Datasheet
3Mb / 3P
   Voltage regulator dides
More results

Similar Description - BZW06-154B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
   TRANSIL
SMBJ5.0A-TR STMICROELECTRONICS-SMBJ5.0A-TR Datasheet
133Kb / 10P
   Transil
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
   TRANSIL
BZW04-13 STMICROELECTRONICS-BZW04-13 Datasheet
124Kb / 6P
   TRANSIL
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
   TRANSIL?
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
   Transil?
July 2010 Rev 8
15KE250CA STMICROELECTRONICS-15KE250CA Datasheet
142Kb / 10P
   Transil
SM6T56CA STMICROELECTRONICS-SM6T56CA Datasheet
125Kb / 10P
   Transil
SM4T6V8 STMICROELECTRONICS-SM4T6V8 Datasheet
126Kb / 7P
   TRANSIL
ESDA14V2BP6 STMICROELECTRONICS-ESDA14V2BP6 Datasheet
32Kb / 5P
   TRANSIL?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com