Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5719PHPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5719PHPR
Description  10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5719PHPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5719PHPR Datasheet HTML 6Page - Texas Instruments TAS5719PHPR Datasheet HTML 7Page - Texas Instruments TAS5719PHPR Datasheet HTML 8Page - Texas Instruments TAS5719PHPR Datasheet HTML 9Page - Texas Instruments TAS5719PHPR Datasheet HTML 10Page - Texas Instruments TAS5719PHPR Datasheet HTML 11Page - Texas Instruments TAS5719PHPR Datasheet HTML 12Page - Texas Instruments TAS5719PHPR Datasheet HTML 13Page - Texas Instruments TAS5719PHPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
TAS5717
TAS5719
SLOS655A
– NOVEMBER 2010 – REVISED FEBRUARY 2011
www.ti.com
AC Characteristics (BTL)
PVDD_X = 12 V, BTL AD mode, fS = 48 KHz, RL = 8 Ω, audio frequency = 1 kHz, (unless otherwise noted). All performance
is in accordance with recommended operating conditions, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PVDD = 13 V, 10% THD, 1-kHz input
10
signal
PO
Power output per channel
PVDD = 8 V, 10% THD, 1-kHz input signal
4.1
W
PVDD = 18 V, 10% THD, 1-kHz input
15(1)
signal
PVDD = 13 V; PO = 1 W
0.13%
THD+N
Total harmonic distortion + noise
PVDD = 8 V; PO = 1 W
0.2%
Vn
Output integrated noise (rms)
A-weighted
56
μV
PO = 0.25 W, f = 1 kHz (BD mode)
–82
Crosstalk
dB
PO = 0.25 W, f = 1 kHz (AD mode)
–69
A-weighted, f = 1 kHz, maximum power at
SNR
Signal-to-noise ratio (2)
–105
dB
THD
< 1%
(1)
15 W is supported only in the TAS5719.
(2)
SNR is calculated relative to 0-dBFS input level.
AC Characteristics (Headphone/Line Driver)
PVDD_X = 12 V, BTL AD mode, fS = 48 KHz, RL = 8 Ω, audio frequency = 1 kHz, (unless otherwise noted). All performance
is in accordance with recommended operating conditions, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Po(hp)
Headphone power output per channel
HP_VDD = 3.3 V (Rhp = 32
Ω; THD 1%)
25
mW
HP_gain
Headphone gain
Adjustable via Rin and Rfb
SNR_hp
Sgnal-to-noise ratio (headphone mode)
Rhp = 32
101
dB
SNR_ln
Sgnal-to-noise ratio (line driver mode)
2-V rms output
105
dB
10
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): TAS5717 TAS5719


Similar Part No. - TAS5719PHPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5719 TI-TAS5719 Datasheet
1Mb / 67P
[Old version datasheet]   10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
TAS5719 TI1-TAS5719 Datasheet
1Mb / 68P
[Old version datasheet]   10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
More results

Similar Description - TAS5719PHPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5717 TI-TAS5717 Datasheet
1Mb / 67P
[Old version datasheet]   10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
TAS5717 TI1-TAS5717_14 Datasheet
1Mb / 68P
[Old version datasheet]   10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
logo
Cirrus Logic
CS4525 CIRRUS-CS4525_08 Datasheet
1Mb / 98P
   30 W Digital Audio Amplifier with Integrated ADC
CS4525 CIRRUS-CS4525_07 Datasheet
1Mb / 98P
   30 W Digital Audio Amplifier with Integrated ADC
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TAS5102 TI-TAS5102 Datasheet
1Mb / 23P
[Old version datasheet]   20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com