Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA8424RHAR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TCA8424RHAR
Description  Low-Voltage 8x16 Keyboard Scanner with HID over I2C Compliant Interface
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA8424RHAR Datasheet(HTML) 5 Page - Texas Instruments

  TCA8424RHAR Datasheet HTML 1Page - Texas Instruments TCA8424RHAR Datasheet HTML 2Page - Texas Instruments TCA8424RHAR Datasheet HTML 3Page - Texas Instruments TCA8424RHAR Datasheet HTML 4Page - Texas Instruments TCA8424RHAR Datasheet HTML 5Page - Texas Instruments TCA8424RHAR Datasheet HTML 6Page - Texas Instruments TCA8424RHAR Datasheet HTML 7Page - Texas Instruments TCA8424RHAR Datasheet HTML 8Page - Texas Instruments TCA8424RHAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
NACK
ACK
9
8
2
1
Data Output
by Receiver
Data Output
by Transmitter
SCL From
Master
Start
Condition
S
Clock Pulse for
Acknowledgment
SDA
SCL
Data Line Change
SDA
SCL
S
P
Start Condition
Stop Condition
TCA8424
www.ti.com
SCDS341 – MARCH 2013
A master receiver signals an end of data to the slave transmitter by not generating an acknowledge (NACK) after
the last byte has been clocked out of the slave. This is done by the master receiver by holding the SDA line high.
In this event, the transmitter must release the data line to enable the master to generate a Stop condition.
NOTE
Any communication to another device on the same I2C BUS must be terminated by a stop
condition before communicating to the TCA8424. Any glitches below 0.7 × VCC on the
SCL or SDA line should be less than 50 ns as per the I2C specification.
Figure 1. Definition of Start and Stop Conditions
Figure 2. Bit Transfer
Figure 3. Acknowledgment on I2C Bus
DEVICE I
2C ADDRESS
The address of the device is shown below:
Table 1. Address Reference
SLAVE ADDRESS
I2C BUS SLAVE ADDRESS
B7
B6
B5
B4
B3
B2
B1
B0
0
1
1
1
0
1
1
0 (W)
134 (decimal), 76(h)
0
1
1
1
0
1
1
1 (R)
135 (decimal), 77(h)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TCA8424


Similar Part No. - TCA8424RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA8424 TI-TCA8424 Datasheet
925Kb / 30P
[Old version datasheet]   Check for Samples: TCA8424
More results

Similar Description - TCA8424RHAR

ManufacturerPart #DatasheetDescription
logo
Nanjing Qinheng Microel...
CH9328 WCH-CH9328 Datasheet
189Kb / 5P
   Serial transfer HID keyboard chip
CH9329 WCH-CH9329 Datasheet
176Kb / 6P
   Serial transfer HID keyboard mouse chip
logo
ON Semiconductor
NCT218 ONSEMI-NCT218 Datasheet
160Kb / 19P
   Low Voltage, High Accuracy Temperature Monitor with I2C Interface
December, 2013 ??Rev. 2
logo
Texas Instruments
TPS65233 TI1-TPS65233 Datasheet
8Mb / 31P
[Old version datasheet]   LNB VOLTAGE REGULATOR WITH I2C INTERFACE
TPS65235-1 TI1-TPS65235-1 Datasheet
2Mb / 39P
[Old version datasheet]   LNB Voltage Regulator With I2C Interface
logo
Prolific Technology Inc...
PL23C3 PROLIFIC-PL23C3 Datasheet
118Kb / 1P
   USB HID to I2C Bridge Controller
logo
NXP Semiconductors
NT3H2211W0FHKH NXP-NT3H2211W0FHKH Datasheet
2Mb / 77P
   NTAG I2C plus, NFC Forum Type 2 Tag compliant IC with I2C interface
Rev. 3.0-3 February 2016
NT3H2111W0FTTJ NXP-NT3H2111W0FTTJ Datasheet
2Mb / 77P
   NTAG I2C plus, NFC Forum Type 2 Tag compliant IC with I2C interface
Rev. 3.0-3 February 2016
logo
Intel Corporation
8278 INTEL-8278 Datasheet
460Kb / 10P
   PROGRAMMABLE KEYBOARD INTERFACE
logo
Texas Instruments
TPS652353 TI1-TPS652353 Datasheet
1Mb / 39P
[Old version datasheet]   TPS652353 LNB Voltage Regulator With I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com