Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3315R-105-006L Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 3315R-105-006L
Description  3315 - 9 mm Square Sealed Incremental Encoder
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3315R-105-006L Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  3315R-105-006L Datasheet HTML 1Page - Bourns Electronic Solutions 3315R-105-006L Datasheet HTML 2Page - Bourns Electronic Solutions 3315R-105-006L Datasheet HTML 3Page - Bourns Electronic Solutions 3315R-105-006L Datasheet HTML 4Page - Bourns Electronic Solutions 3315R-105-006L Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3315 - 9 mm Square Sealed Incremental Encoder
How to Order
3315 Y - 0 0 1 - 006 L
Model Number Designator
3315 = 9 mm Encoder
Terminal Style Designator
C = In-line Straight Terminals Side Exit
R = In-line Terminals Rear Exit
P = 5.08 mm x 2.54 mm Triangular Pattern Rear Exit
Y = 5.08 mm x 5.08 mm Triangular Pattern Rear Exit
Shaft End Designator
0 =
Shaft End Slotted
1 =
Shaft End Flatted
Shaft Length Designator
0 =
12.7 mm FMS Long Plastic Shaft (Available w/bushing only)
1 =
19.05 mm FMS Long Plastic Shaft (Available w/bushing only)
2 =
5.59 mm FMS (Bushingless version only)
Bushing Designator
1 =
6.35 mm x 6.35 mm Plastic
2 =
6.35 mm x 6.35 mm Ni Plated Brass
5 =
Bushingless (Board Level)
Pulses per Revolution Code
006 = 6 PPR
016 = 16 PPR
RoHS Identifier
L = Compliant


Similar Part No. - 3315R-105-006L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3315R-105-006L BOURNS-3315R-105-006L Datasheet
268Kb / 5P
   9 mm Square Sealed Incremental Encoder
3315R-105-006L BOURNS-3315R-105-006L Datasheet
201Kb / 5P
   3315 - 9 mm Square Sealed Incremental Encoder
More results

Similar Description - 3315R-105-006L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3315 BOURNS-3315_10 Datasheet
201Kb / 5P
   3315 - 9 mm Square Sealed Incremental Encoder
3315 BOURNS-3315 Datasheet
268Kb / 5P
   9 mm Square Sealed Incremental Encoder
PEC09-2020F-S0012 BOURNS-PEC09-2020F-S0012 Datasheet
331Kb / 3P
   9 mm Incremental Encoder
PEC09 BOURNS-PEC09 Datasheet
331Kb / 3P
   PEC09 Series - 9 mm Incremental Encoder
PEC11R BOURNS-PEC11R Datasheet
311Kb / 3P
   12 mm Incremental Encoder
PEC11R BOURNS-PEC11R_16 Datasheet
306Kb / 3P
   12 mm Incremental Encoder
PEC12R BOURNS-PEC12R_16 Datasheet
352Kb / 4P
   12 mm Incremental Encoder
PEC16-4020F-S0012 BOURNS-PEC16-4020F-S0012_15 Datasheet
368Kb / 3P
   16 mm Incremental Encoder
PEC12R BOURNS-PEC12R Datasheet
371Kb / 4P
   12 mm Incremental Encoder
PEC12 BOURNS-PEC12 Datasheet
263Kb / 3P
   12 mm Incremental Encoder
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com