Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZW06-256 Datasheet(PDF) 4 Page - STMicroelectronics

Part # BZW06-256
Description  TRANSIL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BZW06-256 Datasheet(HTML) 4 Page - STMicroelectronics

  BZW06-256 Datasheet HTML 1Page - STMicroelectronics BZW06-256 Datasheet HTML 2Page - STMicroelectronics BZW06-256 Datasheet HTML 3Page - STMicroelectronics BZW06-256 Datasheet HTML 4Page - STMicroelectronics BZW06-256 Datasheet HTML 5Page - STMicroelectronics BZW06-256 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BZW06-xx
4/6
0.001
0.01
0.1
1
10
100
1E1
1E2
1E3
1E4
1E5
tp (mS ) EXPO.
Tj initial = 25øC
Ppp (W)
°
Fig. 2 : Peak pulse power versus exponential pulse duration.
Fig. 3 : Clamping voltage versus peak pulse current.
Exponential waveform tp =20
µs________
tp = 1 ms——————-
tp = 10 m...............
Note : The curves of the figure 3 are specified for a junction temperature of 25°C before surge.
The given results may be extrapolated for other junction temperatures by using the following formula :
∆VBR = αT * (Tamb -25) * VBR (25°C).
For intermediate voltages, extrapolate the given results.


Similar Part No. - BZW06-256

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW06-256 STMICROELECTRONICS-BZW06-256 Datasheet
172Kb / 6P
   TRANSIL
logo
New Jersey Semi-Conduct...
BZW06-256 NJSEMI-BZW06-256 Datasheet
91Kb / 2P
   600 Watts Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
BZW06-256 DIOTEC-BZW06-256 Datasheet
143Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
BZW06-256 DIOTEC-BZW06-256 Datasheet
106Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW06-256 SEMIKRON-BZW06-256 Datasheet
151Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
More results

Similar Description - BZW06-256

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
   TRANSIL
SMBJ5.0A-TR STMICROELECTRONICS-SMBJ5.0A-TR Datasheet
133Kb / 10P
   Transil
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
   TRANSIL
BZW04-13 STMICROELECTRONICS-BZW04-13 Datasheet
124Kb / 6P
   TRANSIL
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
   TRANSIL?
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
   Transil?
July 2010 Rev 8
15KE250CA STMICROELECTRONICS-15KE250CA Datasheet
142Kb / 10P
   Transil
SM6T56CA STMICROELECTRONICS-SM6T56CA Datasheet
125Kb / 10P
   Transil
SM4T6V8 STMICROELECTRONICS-SM4T6V8 Datasheet
126Kb / 7P
   TRANSIL
ESDA14V2BP6 STMICROELECTRONICS-ESDA14V2BP6 Datasheet
32Kb / 5P
   TRANSIL?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com