Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8808BEGT Datasheet(PDF) 2 Page - Analog Microelectronics

Part # AME8808BEGT
Description  750mA CMOS LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8808BEGT Datasheet(HTML) 2 Page - Analog Microelectronics

  AME8808BEGT Datasheet HTML 1Page - Analog Microelectronics AME8808BEGT Datasheet HTML 2Page - Analog Microelectronics AME8808BEGT Datasheet HTML 3Page - Analog Microelectronics AME8808BEGT Datasheet HTML 4Page - Analog Microelectronics AME8808BEGT Datasheet HTML 5Page - Analog Microelectronics AME8808BEGT Datasheet HTML 6Page - Analog Microelectronics AME8808BEGT Datasheet HTML 7Page - Analog Microelectronics AME8808BEGT Datasheet HTML 8Page - Analog Microelectronics AME8808BEGT Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Analog Microelectronics, Inc.
2
750mA CMOS LDO
AME8808
P a rt N u m b er
M a rk in g
O u tp u t V o ltag e
P a ckag e
O p e ra tin g T e m p . R a n g e
A M E 8808 A E G T
A E Tyw w
3.3V
S O T-223
-4 0
O C to +8 5 OC
A M E 8808 B E G T
A E U yw w
3.0V
S O T-223
-4 0
O C to +8 5 OC
A M E 8808 C E G T
A E V yw w
2.8V
S O T-223
-4 0
O C to +8 5 OC
A M E 8808 D E G T
A E W yw w
2.5V
S O T-223
-4 0
O C to +8 5 OC
A M E 8808 E E G T
A E X yw w
3.8V
S O T-223
-4 0
O C to +8 5 OC
A M E 8808 F E GT
A E Yyw w
3.6V
S O T-223
-4 0
O C to +8 5 OC
A M E 8808 G E G T
A E Zyw w
3.5V
S O T-223
-4 0
O C to +8 5 OC
A M E 8808 H E G T
A F A yw w
2.7V
S O T-223
-4 0
O C to +8 5 OC
A M E 8808 IE GT
A F B yw w
3.4V
S O T-223
-4 0
O C to +8 5 OC
A M E 8808 J E GT
A G U yw w
2.85V
S O T-223
-4 0
O C to +8 5 OC
A M E 8808 K E G T
A H W yw w
3.7V
S O T-223
-4 0
O C to +8 5 OC
A M E 8808 LE GT
A J G yw w
1.5V
S O T-223
-4 0
O C to +8 5 OC
A M E 8808 M E G T
A J H yw w
1.8V
S O T-223
-4 0
O C to +8 5 OC
A M E 8808 N E G T
A K U yw w
2.9V
S O T-223
-4 0
O C to +8 5 OC
A M E 8808 O E G T
A K V yw w
3.1V
S O T-223
-4 0
O C to +8 5 OC
P leas e c o ns ult A M E s a le s offic e or authori zed R ep./D i s tri b utor fo r o the r outp ut vo ltage
and pac k age type ava i labili ty.
n
n
n
n
n Pin Configuration
n
n
n
n
n Ordering Information
1
23
S O T -223 T op V iew
1
23
DPAK-2 T op View
1. GND
2. V
OUT
3. V
IN
1. GND
2. V
OUT (Connected with heat sink)
3. V
IN


Similar Part No. - AME8808BEGT

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8808BEGTZ AME-AME8808BEGTZ Datasheet
230Kb / 13P
   750mA CMOS LDO
More results

Similar Description - AME8808BEGT

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8843 AME-AME8843_08 Datasheet
97Kb / 11P
   750mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8843 AKM-AME8843 Datasheet
96Kb / 9P
   750mA CMOS LDO
logo
Analog Microelectronics
AME8844 AME-AME8844_07 Datasheet
174Kb / 15P
   750mA CMOS LDO
AME8808 AME-AME8808_08 Datasheet
230Kb / 13P
   750mA CMOS LDO
AME8844 AME-AME8844 Datasheet
273Kb / 14P
   750mA CMOS LDO
AME8844 AME-AME8844_09 Datasheet
145Kb / 16P
   750mA CMOS LDO
logo
SeCoS Halbleitertechnol...
S5U2167 SECOS-S5U2167 Datasheet
1Mb / 6P
   750mA CMOS Positive Voltage Regulator
S5J2187 SECOS-S5J2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
S5U2187 SECOS-S5U2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
logo
GTM CORPORATION
G5U2167 GTM-G5U2167 Datasheet
763Kb / 6P
   750mA CMOS Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com