Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9959501QPA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9959501QPA
Description  100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962-9959501QPA Datasheet(HTML) 1 Page - Texas Instruments

  5962-9959501QPA Datasheet HTML 1Page - Texas Instruments 5962-9959501QPA Datasheet HTML 2Page - Texas Instruments 5962-9959501QPA Datasheet HTML 3Page - Texas Instruments 5962-9959501QPA Datasheet HTML 4Page - Texas Instruments 5962-9959501QPA Datasheet HTML 5Page - Texas Instruments 5962-9959501QPA Datasheet HTML 6Page - Texas Instruments 5962-9959501QPA Datasheet HTML 7Page - Texas Instruments 5962-9959501QPA Datasheet HTML 8Page - Texas Instruments 5962-9959501QPA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
THS4032
D AND DGN PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN −
1IN +
−VCC
VCC+
2OUT
2IN−
2IN+
1
2
3
4
8
7
6
5
NULL
IN −
IN +
VCC−
NULL
VCC+
OUT
NC
THS4031
D, DGN, AND JG PACKAGE
(TOP VIEW)
NC − No internal connection
Cross-Section View Showing
PowerPAD
™ Option (DGN)
19
20
1
3
2
17
18
16
15
14
13
12
11
9
10
5
4
6
7
8
NC
VCC+
NC
OUT
NC
NC
IN−
NC
IN+
NC
THS4031
FK PACKAGE
(TOP VIEW)
THS4031
THS4032
www.ti.com
SLOS224G – JULY 1999 – REVISED MARCH 2010
100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
Check for Samples: THS4031, THS4032
1
FEATURES
2
Ultralow 1.6 nV/
√Hz Voltage Noise
High Speed:
100-MHz Bandwidth [G = 2 (-1), –3 dB]
100-V/ms Slew Rate
Very Low Distortion
THD = –72 dBc (f = 1 MHz, RL = 150 Ω)
THD = –90 dBc (f = 1 MHz, RL = 1 kΩ)
Low 0.5-mV (Typ) Input Offset Voltage
90-mA Output Current Drive (Typical)
±5 V to ±15 V Typical Operation
Available in Standard SOIC, MSOP
PowerPAD™, JG, or FK Package
Evaluation Module Available
DESCRIPTION
The THS4031 and THS4032 are ultralow-voltage
noise, high-speed voltage feedback amplifiers that
are ideal for applications requiring low voltage noise,
including communications and imaging. The single
amplifier THS4031 and the dual amplifier THS4032
offer very good ac performance with 100-MHz
bandwidth (G = 2), 100-V/ms slew rate, and 60-ns
settling time (0.1%). The THS4031 and THS4032 are
unity gain stable with 275-MHz bandwidth. These
amplifiers have a high drive capability of 90 mA and
draw only 8.5-mA supply current per channel. With
–90 dBc of total harmonic distortion (THD) at f = 1
MHz and a very low noise of 1.6 nV/
√Hz, the
THS4031
and
THS4032
are
ideally
suited
for
applications requiring low distortion and low noise
such as buffering analog-to-digital converters.
RELATED DEVICES
DEVICE
DESCRIPTION
THS4051/2
70-MHz High-Speed Amplifiers
THS4081/2
175-MHz Low Power High-Speed Amplifiers
space
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - 5962-9959501QPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9959501QPA TI1-5962-9959501QPA Datasheet
1Mb / 47P
[Old version datasheet]   THS403x 100-MHz Low-Noise High-Speed Amplifiers
More results

Similar Description - 5962-9959501QPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4031 TI-THS4031 Datasheet
674Kb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031-EP TI-THS4031-EP Datasheet
1Mb / 37P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CDR TI-THS4031CDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS40321-EP TI-THS40321-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032-EP TI1-THS4032-EP Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031 TI1-THS4031_16 Datasheet
1Mb / 47P
[Old version datasheet]   THS403x 100-MHz Low-Noise High-Speed Amplifiers
THS4021 TI-THS4021 Datasheet
366Kb / 22P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021 TI1-THS4021_16 Datasheet
1Mb / 29P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com