Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8801IEEV Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AME8801IEEV
Description  300mA CMOS LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8801IEEV Datasheet(HTML) 5 Page - Analog Microelectronics

  AME8801IEEV Datasheet HTML 1Page - Analog Microelectronics AME8801IEEV Datasheet HTML 2Page - Analog Microelectronics AME8801IEEV Datasheet HTML 3Page - Analog Microelectronics AME8801IEEV Datasheet HTML 4Page - Analog Microelectronics AME8801IEEV Datasheet HTML 5Page - Analog Microelectronics AME8801IEEV Datasheet HTML 6Page - Analog Microelectronics AME8801IEEV Datasheet HTML 7Page - Analog Microelectronics AME8801IEEV Datasheet HTML 8Page - Analog Microelectronics AME8801IEEV Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Analog Microelectronics, Inc.
5
AME8801/8812/8840
300mA CMOS LDO
n
n
n
n
n Absolute Maximum Ratings
n
n
n
n
n Recommended Operating Conditions
n
n
n
n
n Thermal Information
Caution: Stress above the listed absolute rating may cause permanent damage to the device
Maximum
Unit
Thermal Resistance (qja)SOT-25
260
oC / W
Internal Power Dissipation (PD)
(DT = 100
oC)
SOT-25
380
mW
Thermal Resistance (qja)SOT-26
260
oC / W
Internal Power Dissipation (PD)
(DT = 100
oC)
SOT-26
380
mW
150
oC
Maximum Junction Temperature
Pa ra m e te r
Pa ra mete r
Ma ximum
Unit
Input Voltage
8
V
Output Current
PD / (VIN - VO)mA
Output Voltage
GND - 0.3 to VIN + 0.3
V
ESD Classification
B
Pa ra mete r
Ra ting
Unit
Ambient Temperature Range
-40 to +85
oC
Junction Temperature
-40 to +125
oC


Similar Part No. - AME8801IEEV

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8801IEEVL AME-AME8801IEEVL Datasheet
302Kb / 24P
   300mA CMOS LDO
AME8801IEEVY AME-AME8801IEEVY Datasheet
302Kb / 24P
   300mA CMOS LDO
AME8801IEEVZ AME-AME8801IEEVZ Datasheet
302Kb / 24P
   300mA CMOS LDO
More results

Similar Description - AME8801IEEV

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com