Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC8T245PW Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVC8T245PW
Description  8-bit dual supply translating transceiver; 3-state
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC8T245PW Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVC8T245PW Datasheet HTML 1Page - NXP Semiconductors 74LVC8T245PW Datasheet HTML 2Page - NXP Semiconductors 74LVC8T245PW Datasheet HTML 3Page - NXP Semiconductors 74LVC8T245PW Datasheet HTML 4Page - NXP Semiconductors 74LVC8T245PW Datasheet HTML 5Page - NXP Semiconductors 74LVC8T245PW Datasheet HTML 6Page - NXP Semiconductors 74LVC8T245PW Datasheet HTML 7Page - NXP Semiconductors 74LVC8T245PW Datasheet HTML 8Page - NXP Semiconductors 74LVC8T245PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
74LVC_LVCH8T245
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 12 December 2011
5 of 28
NXP Semiconductors
74LVC8T245; 74LVCH8T245
8-bit dual supply translating transceiver; 3-state
[1]
The minimum input voltage ratings and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
VCCO is the supply voltage associated with the output port.
[3]
VCCO + 0.5 V should not exceed 6.5 V.
[4]
For TSSOP24 package: Ptot derates linearly at 5.5 mW/K above 60 C.
For DHVQFN24 package: Ptot derates linearly at 4.5 mW/K above 60 C.
8.
Recommended operating conditions
[1]
VCCO is the supply voltage associated with the output port.
[2]
VCCI is the supply voltage associated with the input port.
9.
Static characteristics
IGND
ground current
per GND pin
100
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 C to +125 C
[4] -500
mW
Table 4.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC(A)
supply voltage A
1.2
5.5
V
VCC(B)
supply voltage B
1.2
5.5
V
VI
input voltage
0
5.5
V
VO
output voltage
Active mode
[1] 0VCCO
V
Suspend or 3-state mode
0
5.5
V
Tamb
ambient temperature
40
+125
C
t/V
input transition rise and fall rate
VCCI = 1.2 V
[2] -
20
ns/V
VCCI = 1.4 V to 1.95 V
-
20
ns/V
VCCI = 2.3 V to 2.7 V
-
20
ns/V
VCCI = 3 V to 3.6 V
-
10
ns/V
VCCI = 4.5 V to 5.5 V
-
5
ns/V
Table 6.
Typical static characteristics at Tamb = 25 C
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VOH
HIGH-level output voltage
VI = VIH or VIL
[1]
IO = 3 mA; VCCO = 1.2 V
-
1.09
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 3 mA; VCCO =1.2 V
[1] -0.07
-V
II
input leakage current
DIR, OE input; VI = 0 V to 5.5 V;
VCCI = 1.2 V to 5.5 V
[2] --
1
A
IBHL
bus hold LOW current
A or B port; VI =0.42V; VCCI =1.2 V
[2] -19
-
A
IBHH
bus hold HIGH current
A or B port; VI =0.78V; VCCI =1.2 V
[2] -
19
-
A


Similar Part No. - 74LVC8T245PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC8T245PW NEXPERIA-74LVC8T245PW Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
74LVC8T245PW-Q100 NEXPERIA-74LVC8T245PW-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
74LVC8T245PW.118 NEXPERIA-74LVC8T245PW.118 Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
More results

Similar Description - 74LVC8T245PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
74AXP8T245 NEXPERIA-74AXP8T245 Datasheet
325Kb / 27P
   8-bit dual supply translating transceiver; 3-state
Rev. 1 - 11 February 2020
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
Nexperia B.V. All right...
74AVC4T774-Q100 NEXPERIA-74AVC4T774-Q100 Datasheet
318Kb / 23P
   4-bit dual supply translating transceiver; 3-state
Rev. 2 - 2 January 2023
74AXP2T45 NEXPERIA-74AXP2T45 Datasheet
325Kb / 26P
   2-bit dual supply translating transceiver; 3-state
Rev. 2 - 23 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com