Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A132000 Datasheet(PDF) 7 Page - AMIC Technology

Part # A132000
Description  ADPCM SOUND CONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A132000 Datasheet(HTML) 7 Page - AMIC Technology

  A132000 Datasheet HTML 1Page - AMIC Technology A132000 Datasheet HTML 2Page - AMIC Technology A132000 Datasheet HTML 3Page - AMIC Technology A132000 Datasheet HTML 4Page - AMIC Technology A132000 Datasheet HTML 5Page - AMIC Technology A132000 Datasheet HTML 6Page - AMIC Technology A132000 Datasheet HTML 7Page - AMIC Technology A132000 Datasheet HTML 8Page - AMIC Technology A132000 Datasheet HTML 9Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
A132000
PRELIMINARY
(December, 1999, Version 0.0)
6
AMIC Technology, Inc.
Application Circuits (Continued)
Crystal Operating Mode Application Circuit
A132000
VDD
OSC1
OSC2
T0CKI
CLKOP
OPRA0
OPRA1
OPRA2
OPRA3
MCLRB
VSS
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
RA3
RA2
RA1
RA0
AUDA
VDD
VDD
10K
0.1uf
R1
C1
C1: 0.1uf ~1uf
R1: 680 ~1.5K
10K
0.1uf
VDD
VDD
Crystal Mode
Reset
Trigger
20pf
20pf
4MHz


Similar Part No. - A132000

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
A1320DHT-1001 TOKO-A1320DHT-1001 Datasheet
260Kb / 1P
   Transponder Coils (Transmitter)
A1320DIT-1002 TOKO-A1320DIT-1002 Datasheet
260Kb / 1P
   Transponder Coils (Transmitter)
A1320DJT-1003 TOKO-A1320DJT-1003 Datasheet
260Kb / 1P
   Transponder Coils (Transmitter)
A1320DKT-1004 TOKO-A1320DKT-1004 Datasheet
260Kb / 1P
   Transponder Coils (Transmitter)
A1320DLT-1005 TOKO-A1320DLT-1005 Datasheet
260Kb / 1P
   Transponder Coils (Transmitter)
More results

Similar Description - A132000

ManufacturerPart #DatasheetDescription
logo
Altonics Co., Ltd.
QS6400 ALTONICS-QS6400 Datasheet
362Kb / 8P
   Advanced ADPCM SOUND DSP for Mobile
logo
Mitsubishi Electric Sem...
M62421SP MITSUBISHI-M62421SP Datasheet
111Kb / 16P
   SOUND CONTROLLER
logo
Generalplus Technology ...
GPC11001A GENERALPLUS-GPC11001A Datasheet
279Kb / 16P
   Sound Controller
logo
Renesas Technology Corp
M62443SP RENESAS-M62443SP Datasheet
4Mb / 17P
   SOUND CONTROLLER
logo
Mitsubishi Electric Sem...
M62443SP MITSUBISHI-M62443SP Datasheet
127Kb / 16P
   SOUND CONTROLLER
M62428FP MITSUBISHI-M62428FP Datasheet
169Kb / 18P
   DIGITAL SOUND CONTROLLER
M62493FP MITSUBISHI-M62493FP Datasheet
578Kb / 18P
   DIGITAL SOUND CONTROLLER
logo
Rohm
BD3881FV ROHM-BD3881FV_1 Datasheet
340Kb / 6P
   Audio sound controller
logo
List of Unclassifed Man...
SPC11A ETC-SPC11A Datasheet
563Kb / 14P
   12KB Sound Controller
logo
Generalplus Technology ...
GPC41A3 GENERALPLUS-GPC41A3 Datasheet
268Kb / 14P
   40KB Sound Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com