Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8805IEFT Datasheet(PDF) 6 Page - Analog Microelectronics

Part # AME8805IEFT
Description  600mA CMOS LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8805IEFT Datasheet(HTML) 6 Page - Analog Microelectronics

Back Button AME8805IEFT Datasheet HTML 2Page - Analog Microelectronics AME8805IEFT Datasheet HTML 3Page - Analog Microelectronics AME8805IEFT Datasheet HTML 4Page - Analog Microelectronics AME8805IEFT Datasheet HTML 5Page - Analog Microelectronics AME8805IEFT Datasheet HTML 6Page - Analog Microelectronics AME8805IEFT Datasheet HTML 7Page - Analog Microelectronics AME8805IEFT Datasheet HTML 8Page - Analog Microelectronics AME8805IEFT Datasheet HTML 9Page - Analog Microelectronics AME8805IEFT Datasheet HTML 10Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AME, Inc.
6
600mA CMOS LDO
AME8805 / 8810
Parameter
Maximum
Unit
Input Voltage
8
V
Output Current
1
A
Input, Output Voltage
GND - 0.3 to VIN + 0.3
V
ESD Classification
B
Maximum
Unit
SOT-89
180
SOT-223
160
SOT-89
18
SOT-223
15
SOT-89
550
SOT-223
625
SOT-89
2750*
SOT-223
3300*
150
oC
300
oC
Maximum Lead Temperature (10 Sec)
Maximum Junction Temperature
Parameter
Thermal Resistance (
θja)
Thermal Resistance (
θjc)
Internal Power Dissipation (PD)
(
∆T = 100
oC, No Heat Sink)
Internal Power Dissipation (PD)
(
∆T = 100
oC, With Heat Sink)
oC / W
oC / W
mW
mW
n Absolute Maximum Ratings
n Recommended Operating Conditions
n Thermal Information
* Using twice the
θjc for this calculation.
Parameter
Rating
Unit
Supply Voltage
4.5 to 5.5
V
Ambient Temperature Range
- 40 to + 85
oC
Junction Temperature
- 40 to + 125
oC
Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device


Similar Part No. - AME8805IEFT

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8805IEFT AME-AME8805IEFT Datasheet
180Kb / 12P
   600mA CMOS LDO
AME8805IEFTZ AME-AME8805IEFTZ Datasheet
188Kb / 17P
   600mA CMOS LDO
More results

Similar Description - AME8805IEFT

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
   600mA CMOS LDO
AME8805 AME-AME8805_12 Datasheet
188Kb / 17P
   600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
   600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
   600mA CMOS LDO
AME8806 AME-AME8806 Datasheet
89Kb / 12P
   600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
   600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8807 AME-AME8807_07 Datasheet
188Kb / 15P
   600mA CMOS LDO
AME8850 AME-AME8850 Datasheet
196Kb / 19P
   600mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com