Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB3F8L3005C Datasheet(PDF) 5 Page - ON Semiconductor

Part # NB3F8L3005C
Description  1:5 LVCMOS Fanout Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3F8L3005C Datasheet(HTML) 5 Page - ON Semiconductor

  NB3F8L3005C Datasheet HTML 1Page - ON Semiconductor NB3F8L3005C Datasheet HTML 2Page - ON Semiconductor NB3F8L3005C Datasheet HTML 3Page - ON Semiconductor NB3F8L3005C Datasheet HTML 4Page - ON Semiconductor NB3F8L3005C Datasheet HTML 5Page - ON Semiconductor NB3F8L3005C Datasheet HTML 6Page - ON Semiconductor NB3F8L3005C Datasheet HTML 7Page - ON Semiconductor NB3F8L3005C Datasheet HTML 8Page - ON Semiconductor NB3F8L3005C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NB3F8L3005C
http://onsemi.com
5
Table 9. POWER SUPPLY CHARACTERISTICS VDD ≥ VDDO; VDD = 3.3 V ± 5% (3.135 V to 3.465 V) or VDD = 2.5 V ±5%
(2.375 V to 2.625 V) and VDDOx = 3.3 V ± 5% (3.135 V to 3.465 V) or 2.5 V ± 5% (2.375 V to 2.625 V) or 1.8 V ± 0.2 V (1.6 V to 2.0 V)
or 1.5 V
± 0.15 V (1.35 V to 1.65 V); TA = −40°C to 85°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
IDD
VDD Power Supply Current
fIN = 0 MHz
VDDO = 3.3 V, fIN = 100 MHz
VDDO = 2.5 V, fIN = 100 MHz
30
30
20
38
mA
IDDO
VDDO Power Supply
Current
OE = 0, no load
VDDO = 3.3 V, OE = 1, fIN = 100 MHz
VDDO = 2.5 V, OE = 1, fIN = 100 MHz
0.1
7
5
mA
IDD +
IDDO
Total Device Current with
Loads on All Outputs
OE = 1, fIN = 100 MHz
OE = 0
48
16
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
Table 10. DC CHARACTERISTICS TA = −40°C to 85°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIH
LVCMOS / LVTTL Input High Voltage
(OE, SEL)
VDD = 3.3 V ±5%
VDD = 2.5 V ± 5%
1.6
1.3
VDD + 0.3
VDD + 0.3
V
VIL
LVCMOS / LVTTL Input Low Voltage
(OE, SEL)
VDD = 3.3 V ±5%
VDD = 2.5 V ± 5%
−0.3
−0.3
0.8
0.4
V
IIH
Input High Current
OE, SEL
CLK/CLK
VDD = VIN = 3.465 V
VDD = VIN = 3.465 V or 2.625 V
100
100
mA
IIL
Input Low Current
OE, SEL
CLK
CLK
VDD = 3.465 V; VIN = 0.0 V
VDD = 3.465 V or 2.625 V VIN = 0.0 V
VDD = 3.465 V or 2.625 V VIN = 0.0 V
−5
−5
−150
5
mA
VOH
Output High Voltage
VDDO
− 0.1
V
VOL
Output Low Voltage
VDDOx = 3.3 V ± 5% or 2.5 V ± 5%
0.5
V
VDDOx = 1.8 V ± 0.2 V
0.4
VDDOx = 1.5 V ± 0.15 V
0.37
VPP
Peak−to−Peak Input Voltage
VIL > −0.3 V
CLKx/CLKx
VDD = 3.3 V ±5% or VDD = 2.5 V ± 5%
0.15
1.3
V
VIHCMR
Input High Level Common Mode
Range
VCM = VIH; VIL > −0.3 V CLKx/CLKx
VDD = 3.3 V ±5% or VDD = 2.5 V ± 5%
0.5
VDD − 0.85
V
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.


Similar Part No. - NB3F8L3005C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3F8L3005C ONSEMI-NB3F8L3005C Datasheet
118Kb / 13P
   2:1:5 LVCMOS Fanout Buffer
April, 2015 ??Rev. 1
NB3F8L3005CMNTBG ONSEMI-NB3F8L3005CMNTBG Datasheet
118Kb / 13P
   2:1:5 LVCMOS Fanout Buffer
April, 2015 ??Rev. 1
NB3F8L3005CMNTXG ONSEMI-NB3F8L3005CMNTXG Datasheet
118Kb / 13P
   2:1:5 LVCMOS Fanout Buffer
April, 2015 ??Rev. 1
NB3F8L3005C ONSEMI-NB3F8L3005C_15 Datasheet
118Kb / 13P
   2:1:5 LVCMOS Fanout Buffer
April, 2015 ??Rev. 1
More results

Similar Description - NB3F8L3005C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3F8L3005C ONSEMI-NB3F8L3005C_15 Datasheet
118Kb / 13P
   2:1:5 LVCMOS Fanout Buffer
April, 2015 ??Rev. 1
logo
Motorola, Inc
MPC9120 MOTOROLA-MPC9120 Datasheet
93Kb / 6P
   1:10 LVCMOS FANOUT BUFFER
MPC9140 MOTOROLA-MPC9140 Datasheet
105Kb / 6P
   1:18 LVCMOS FANOUT BUFFER
logo
ON Semiconductor
NB3F8L3010C ONSEMI-NB3F8L3010C_16 Datasheet
113Kb / 13P
   3:1:10 LVCMOS Fanout Buffer
May, 2016 ??Rev. 7
NB3F8L3010C ONSEMI-NB3F8L3010C Datasheet
117Kb / 13P
   3:1:10 LVCMOS Fanout Buffer
September, 2015 ??Rev. 6
logo
Integrated Device Techn...
83905I IDT-83905I Datasheet
498Kb / 21P
   LVCMOS/ LVTTL Fanout Buffer
8302 IDT-8302 Datasheet
102Kb / 10P
   LVCMOS / LVTTL Fanout Buffer
8536I-33 IDT-8536I-33 Datasheet
347Kb / 19P
   LVPECL/LVCMOS Fanout Buffer
logo
Integrated Circuit Syst...
ICS83940-02 ICST-ICS83940-02 Datasheet
113Kb / 11P
   LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
logo
Motorola, Inc
MPC9448 MOTOROLA-MPC9448 Datasheet
263Kb / 12P
   3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com