Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB3U23CSQTCG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NB3U23CSQTCG
Description  1.2 V Dual Channel CMOS Buffer / Translator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3U23CSQTCG Datasheet(HTML) 3 Page - ON Semiconductor

  NB3U23CSQTCG Datasheet HTML 1Page - ON Semiconductor NB3U23CSQTCG Datasheet HTML 2Page - ON Semiconductor NB3U23CSQTCG Datasheet HTML 3Page - ON Semiconductor NB3U23CSQTCG Datasheet HTML 4Page - ON Semiconductor NB3U23CSQTCG Datasheet HTML 5Page - ON Semiconductor NB3U23CSQTCG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NB3U23C
http://onsemi.com
3
Table 3. MAXIMUM RATINGS (Note 2)
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VDD
Supply Voltage
3.6
V
Vin
Input Voltage
–0.5 ≤ VI ≤ 2.5
V
ID
Output Current
25
mA
TA
Operating Temperature Range, Industrial
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm (Note 3)
SC70−6
UDFN−6
210
126
TBD
°C/W
qJC
Thermal Resistance (Junction−to−Case)
(Note 3)
SC70−6
UDFN−6
100
TBD
°C/W
Tsol
Wave Solder
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
2. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and not valid simultaneously. If
stress limits are exceeded device functional operation is not implied, damage may occur and reliability may be affected.
3. JEDEC standard multilayer board − 2S2P (2 signal, 2 power).
Table 4. ELECTRICAL CHARACTERISTICS (VDD = 1.2 ±5% V, GND = 0 V, TA = −40°C to +85°C)
Symbol
Characteristic
Conditions
Min
Typ
Max
Unit
DIDD
Power Supply Current
(Single Channel Switching @ 52 MHz)
CL = 20 pF
CL = 5 pF
CL = 1 pF
2.5
1.5
1
mA
Power Supply Current
(Both Channels Switching @ 52 MHz)
CL = 20 pF
CL = 5 pF
CL = 1 pF
5
3
2
mA
Ioff
Standby Current
Vi = VIH Max or GND;
VDD = 1.2 V, No Output Load
10
mA
VIH
Input High Voltage
0.65 * VDD
1.98
V
VIL
Input Low Voltage
0
0.35 * VDD
V
VOH
Output High Voltage
CL = 20 pF
RL = 100 kW
0.75 * VDD
VDD
V
VOL
Output Low Voltage
CL = 20 pF
RL = 100 kW
0
0.25 * VDD
V
Cin
Input Capacitance
5
pF
Fclk
Operating Frequency Range
0
52
MHz
tPD
Propagation Delay
INx to OUTx
CL = 20 pF, RL = 100 kW
5
ns
Phase Noise Floor Density
(Notes 4 and 5)
CL = 20 pF
RL = 100 kW
−150
dBc/Hz
Additive RMS Phase Jitter
(Notes 5 and 6)
CL = 20 pF
RL = 100 kW
Offset Frequency Range:
50 kHz to 10 MHz
0.15
0.25
ps
DC
Output Duty Cycle (Note 7)
Input Duty Cycle = 50%,
Min Input Slew Rate = 1 V/ns
45
55
%
tr/tf
Output Rise/Fall Times
0.2 * VDD to 0.8 * VDD
CL = 20 pF
RL = 100 kW
2
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. White noise floor.
5. This parameter refers to the random jitter only.
6. The output RMS phase jitter can be calculated using the following equation:
(Output RMS Phase Jitter)2 = (Input RMS Phase Jitter)2 + (Additive RMS Phase Jitter)2
7. Measured with input voltage swing from 0 V to 1.8 V.


Similar Part No. - NB3U23CSQTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3U23CSQTCG ONSEMI-NB3U23CSQTCG Datasheet
76Kb / 6P
   1.2 V Dual Channel CMOS Buffer / Translator
April, 2014 ??Rev. 6
More results

Similar Description - NB3U23CSQTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3U23C ONSEMI-NB3U23C_14 Datasheet
76Kb / 6P
   1.2 V Dual Channel CMOS Buffer / Translator
April, 2014 ??Rev. 6
logo
Texas Instruments
CDCBT1001 TI-CDCBT1001 Datasheet
1Mb / 19P
[Old version datasheet]   CDCBT1001 1.2-V to 1.8-V Clock Buffer and Level Translator
MAY 2022
logo
List of Unclassifed Man...
ABB3007 ETC1-ABB3007 Datasheet
80Kb / 5P
   High Speed Translator Buffer to CMOS
logo
Texas Instruments
SN65ELT23 TI-SN65ELT23 Datasheet
443Kb / 11P
[Old version datasheet]   5-V Dual Differential PECL Buffer-to-TTL Translator
SN65LVELT23 TI-SN65LVELT23 Datasheet
271Kb / 10P
[Old version datasheet]   3.3-V Dual Differential LVPECL/LVDS Buffer to LVTTL Translator
logo
Intersil Corporation
IH6201 INTERSIL-IH6201 Datasheet
54Kb / 4P
   Dual CMOS Driver/Voltage Translator
logo
Abracon Corporation
ABB3007 ABRACON-ABB3007 Datasheet
86Kb / 5P
   High Speed Translator Buffer to CMOS (Selectable Drive)
logo
PhaseLink Corporation
PLL130-07 PLL-PLL130-07 Datasheet
231Kb / 5P
   High Speed Translator Buffer to CMOS (Selectable Drive)
logo
Vishay Siliconix
SIB914DK VISHAY-SIB914DK Datasheet
214Kb / 9P
   Dual N-Channel 1.2-V (G-S) MOSFET
Rev. A, 25-Aug-08
SIB914DK VISHAY-SIB914DK_V01 Datasheet
123Kb / 7P
   Dual N-Channel 1.2-V (G-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com