Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC13A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DC13A
Description  DC POWER SOCKET DC13
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DC13A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DC13A Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - DC13A

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
DC1300 INTRONICS-DC1300 Datasheet
168Kb / 1P
   10 Watt, 3.3V Output DC-DC Converters
logo
Linear Technology
DC1307A LINER-DC1307A Datasheet
253Kb / 22P
   Complete Switch Mode Power Supply
logo
Intronics Power, Inc.
DC1310 INTRONICS-DC1310 Datasheet
168Kb / 1P
   10 Watt, 3.3V Output DC-DC Converters
DC1320 INTRONICS-DC1320 Datasheet
168Kb / 1P
   10 Watt, 3.3V Output DC-DC Converters
DC1330 INTRONICS-DC1330 Datasheet
168Kb / 1P
   10 Watt, 3.3V Output DC-DC Converters
More results

Similar Description - DC13A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C4074 ETC1-C4074 Datasheet
162Kb / 1P
   DC Power Adaptor, 2.5mm DC Socket to 2.1mm DC Plug
MJ-180 ETC2-MJ-180 Datasheet
94Kb / 2P
   DC Socket 2.35mm
logo
Dubilier
DBCPJ0217T-1.3 DUBILIER-DBCPJ0217T-1.3 Datasheet
80Kb / 1P
   AUDIO SMT DC JACK SOCKET
logo
Schurter Inc.
4840.2221 SCHURTER-4840.2221_V02 Datasheet
280Kb / 2P
   , PCB terminals, Socket, 6.0 mm, 2-pole, DC Plug/Socket
04.01.2022
4840.2202 SCHURTER-4840.2202_V02 Datasheet
281Kb / 2P
   , PCB terminals, Socket, 5.7 mm, 2-pole, DC Plug/Socket
04.01.2022
4840.2220 SCHURTER-4840.2220_V02 Datasheet
283Kb / 2P
   , solder terminal, Socket, 5.9 mm, 2-pole, DC Plug/Socket
04.01.2022
4840.2221 SCHURTER-4840.2221_V01 Datasheet
281Kb / 2P
   , PCB terminals, Socket, 6.0 mm, 2-pole, DC Plug/Socket
4840.2201 SCHURTER-4840.2201_V02 Datasheet
282Kb / 2P
   , PCB terminals, Socket, 6.0 mm, 2-pole, DC Plug/Socket
04.01.2022
4840.2211 SCHURTER-4840.2211_V02 Datasheet
282Kb / 2P
   , PCB terminals, Socket, 6.0 mm, 2-pole, DC Plug/Socket
04.01.2022
4840.2220 SCHURTER-4840.2220_V01 Datasheet
284Kb / 2P
   , solder terminal, Socket, 5.9 mm, 2-pole, DC Plug/Socket
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com