Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8815AECS250 Datasheet(PDF) 9 Page - Analog Microelectronics

Part # AME8815AECS250
Description  1.5A CMOS LDO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8815AECS250 Datasheet(HTML) 9 Page - Analog Microelectronics

Back Button AME8815AECS250 Datasheet HTML 5Page - Analog Microelectronics AME8815AECS250 Datasheet HTML 6Page - Analog Microelectronics AME8815AECS250 Datasheet HTML 7Page - Analog Microelectronics AME8815AECS250 Datasheet HTML 8Page - Analog Microelectronics AME8815AECS250 Datasheet HTML 9Page - Analog Microelectronics AME8815AECS250 Datasheet HTML 10Page - Analog Microelectronics AME8815AECS250 Datasheet HTML 11Page - Analog Microelectronics AME8815AECS250 Datasheet HTML 12Page - Analog Microelectronics AME8815AECS250 Datasheet HTML 13Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AME, Inc.
9
AME8815
1.5A CMOS LDO
n
n
n
n
n Electrical Specifications
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage
VIN
Note 1
7
V
Output Voltage Accuracy
VO
-1.5
1.5
%
1.4V<VO(NOM)<=2.0V
1300
Dropout Voltage
VDROPOUT
2.0V<VO(NOM)<=2.8V
800
2.8V<VO(NOM)
600
Output Current
IO
1500
mA
Current Limit
ILIM
1500
2000
mA
Short Circuit Current
ISC
750
mA
Quiescent Current
IQ
45
70
µA
Ground Pin Current
IGND
45
µA
VO < 2.0V
-0.15
0.15
%
4.0V > VO >= 2.0V
-0.1
0.02
0.1
%
4.0V <= VO
-0.4
0.4
%
Load Regulation
REGLOAD
-1
0.2
1
%
Over Temerature Shutdown
OTS
150
o
C
Over Temerature Hysterisis
OTH
30
o
C
VO Temperature Coefficient
TC
30
ppm/
oC
f=1kHz
50
PSRR
f=10kHz
20
dB
f=100kHz
15
Note1:VIN(min)=VOUT+VDROPOUT
Test Condition
IO=1mA
V IN = V O(nom) +2V, TA = 25
o C unless otherwise noted
IO=1mA to 1500mA
See
chart
mV
VO>1.2V
VO>1.2V
IO=1.5A
VO=VONOM -2.0%
VO<0.4V
IO=0mA
µVrms
Power Supply Rejection
IO=100mA
CO=4.7
µF
Output Voltage Noise
eN
f=10Hz to 100kHz
IO=10mA
Co=4.7
µF30
Line Regulation
REGLINE
IO=1mA
VIN=VO+1 to VO+2
IO=1mA to 1500mA


Similar Part No. - AME8815AECS250

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8815AECS250Z AME-AME8815AECS250Z Datasheet
254Kb / 28P
   1.5A CMOS LDO
More results

Similar Description - AME8815AECS250

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8816 AME-AME8816 Datasheet
112Kb / 14P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_11 Datasheet
191Kb / 6P
   1.5A CMOS LDO
L11815B UTC-L11815B_10 Datasheet
161Kb / 6P
   1.5A CMOS LDO
L11815A UTC-L11815A_12 Datasheet
186Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8817 AME-AME8817 Datasheet
81Kb / 10P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815B UTC-L11815B Datasheet
167Kb / 6P
   1.5A CMOS LDO
L11815A UTC-L11815A_15 Datasheet
199Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8816 AME-AME8816_08 Datasheet
304Kb / 18P
   1.5A CMOS LDO
AME8865 AME-AME8865 Datasheet
471Kb / 25P
   1.5A CMOS LDO
AME8815 AME-AME8815_09 Datasheet
254Kb / 28P
   1.5A CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com