Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A23L1616M-100 Datasheet(PDF) 3 Page - AMIC Technology

Part # A23L1616M-100
Description  2M X 16 / 4M X 8 BIT CMOS MASK ROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A23L1616M-100 Datasheet(HTML) 3 Page - AMIC Technology

  A23L1616M-100 Datasheet HTML 1Page - AMIC Technology A23L1616M-100 Datasheet HTML 2Page - AMIC Technology A23L1616M-100 Datasheet HTML 3Page - AMIC Technology A23L1616M-100 Datasheet HTML 4Page - AMIC Technology A23L1616M-100 Datasheet HTML 5Page - AMIC Technology A23L1616M-100 Datasheet HTML 6Page - AMIC Technology A23L1616M-100 Datasheet HTML 7Page - AMIC Technology A23L1616M-100 Datasheet HTML 8Page - AMIC Technology A23L1616M-100 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
A23L1616/A23L16161/A23L16162 Series
PRELIMINARY
(September, 2002, Version 0.1)
2
AMIC Technology, Inc.
Pin Configurations (continued)
n
n TSOP (forward type)
A23L16161V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A14
A13
A12
A11
A10
A9
A8
A20
NC
NC
NC
NC
NC
A18
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
O2
O10
O3
O11
VCC
O4
O12
O5
O13
O6
O14
O7
O15/A-1
GND
BYTE
A16
A15
A19
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
O9
O1
O8
O0
OE
GND
CE
A0
A17
A7
A6
A5
A4
A3
A2
A1
n
n TSOP (forward type)
A23L16162V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A14
A13
A12
A11
A10
A9
A8
A20
NC
NC
NC
NC
A19
A18
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
O2
O10
O3
O11
VCC
O4
O12
O5
O13
O6
O14
O7
O15
GND
VCC
A16
A15
NC
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
O9
O1
O8
O0
OE
GND
CE
A0
A17
A7
A6
A5
A4
A3
A2
A1


Similar Part No. - A23L1616M-100

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L1616 AMICC-A23L1616_15 Datasheet
160Kb / 11P
   2M X 16 / 4M X 8 BIT CMOS MASK ROM
More results

Similar Description - A23L1616M-100

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L1616 AMICC-A23L1616_15 Datasheet
160Kb / 11P
   2M X 16 / 4M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23L3210 MCNIX-MX23L3210 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
logo
AMIC Technology
A23L2616 AMICC-A23L2616_15 Datasheet
160Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
A23L2616 AMICC-A23L2616 Datasheet
122Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
A23L0616 AMICC-A23L0616_15 Datasheet
172Kb / 10P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L0616 AMICC-A23L0616 Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23C2100 MCNIX-MX23C2100 Datasheet
52Kb / 7P
   2M-BIT 256K x 8/128K x 16 CMOS MASK ROM
logo
List of Unclassifed Man...
MX23C4096 ETC-MX23C4096 Datasheet
53Kb / 6P
   4M-BIT [256K x 16] CMOS MASK ROM
logo
Macronix International
MX23L6410 MCNIX-MX23L6410 Datasheet
621Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
   4M-BIT [512K x 8/256K x 16] MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com