Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8067469 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # A8067469
Description  P O T T I N G B O X E S
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A8067469 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  A8067469 Datasheet HTML 1Page - List of Unclassifed Manufacturers A8067469 Datasheet HTML 2Page - List of Unclassifed Manufacturers A8067469 Datasheet HTML 3Page - List of Unclassifed Manufacturers A8067469 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
210
POTTING BOXES
Boxes for encapsulating
electronic assemblies.
With special cost advantages
in cases of series
production because potting
electronic assemblies in
pre-assembled cases is less
complicated than casting
liquid resin-hardener
compounds in metal moulds.
Potted assemblies are
protected from shock and
temperature, humidity and
chemical influences.
Production-limited surface
quality.
SERVICE-CENTRE
See pages 221-227.
Part-No.
Part-No.
Outside dim. in mm
Wall-thickness Version
Box
Lid
A
B
C
W (mm)
20
20
13
0.8
I
25
25
15
0.8
I
25
25
25
0.8
I
30
20
15
1.0
I
40.6
13.8
16
1.0
I
40.4
13.7
25
0.8
I
40
40
13
1.0
I
40
40
20
1.0
I
45
30
15
1.0
I
45
30
25
1.0
I
50
13
15
1.0
I
50
50
15
1.3
I
50
50
25
1.3
I
50.7
50.7
50
1.6
I
70.5
50.5
20
1.4
I
70.8
50.8
35
1.4
I
90
60
20
1.5
I
100
50
25
1.5
I
100
100
40
2.0
I
A 81 10 100
A 80 10 400
A 81 10 500
A 80 10 250
A 81 90 600
A 80 90 200
A 81 70 500
A 80 70 350
A 81 70 500
A 80 70 200
A 81 50 500
A 80 50 500
A 81 50 500
A 80 50 250
A 81 50 500
A 80 50 160
A 81 50 130
A 80 50 150
A 81 45 300
A 80 45 250
A 81 45 300
A 80 45 150
A 81 40 400
A 80 40 200
A 81 40 400
A 80 40 130
A 81 40 130
A 80 40 250
A 81 40 130
A 80 40 160
A 81 30 200
A 80 30 150
A 81 25 250
A 80 25 251
A 81 25 250
A 80 25 150
A 80 20 130
Due to adjustment of the production there are slight tolerances possible.
MA TERIAL
Duroplastic.
Resistant to deformation
and extreme temperatures.
Inflexible, therefore not re-
sistant to fracture. Refer to
the material specifications
on pages 229-231.
ST ANDARD
COLOUR
Black.
VERSION I


Similar Part No. - A8067469

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A80601 ALLEGRO-A80601 Datasheet
4Mb / 37P
   High Power LED Driver with Pre-Emptive Boost for Ultra-High Dimming Ratio and Low Output Ripple
A80601-1 ALLEGRO-A80601-1 Datasheet
4Mb / 37P
   High Power LED Driver with Pre-Emptive Boost for Ultra-High Dimming Ratio and Low Output Ripple
A80601KESJSR ALLEGRO-A80601KESJSR Datasheet
4Mb / 37P
   High Power LED Driver with Pre-Emptive Boost for Ultra-High Dimming Ratio and Low Output Ripple
A80601KESJSR-1 ALLEGRO-A80601KESJSR-1 Datasheet
4Mb / 37P
   High Power LED Driver with Pre-Emptive Boost for Ultra-High Dimming Ratio and Low Output Ripple
A80602 ALLEGRO-A80602 Datasheet
4Mb / 37P
   High Power LED Driver with Pre-Emptive Boost for Ultra-High Dimming Ratio and Low Output Ripple
More results

Similar Description - A8067469

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YTV-F1 ETC1-YTV-F1 Datasheet
158Kb / 2P
   A u t o m a t e d P C B I n s p e c t i o n
logo
E-Tech Electronics LTD
GT2153 ETL-GT2153 Datasheet
483Kb / 5P
   C M O S P o s i t i v e V o l t a g e R e g u l a t o r
GL2136 ETL-GL2136 Datasheet
336Kb / 4P
   C M O S P o s i t i v e V o l t a g e R e g u l a t o r
GT2123 ETL-GT2123 Datasheet
478Kb / 8P
   C M O S P o s i t i v e V o l t a g e R e g u l a t o r
GT2133 ETL-GT2133 Datasheet
452Kb / 7P
   C M O S P o s i t i v e V o l t a g e R e g u l a t o r
GL2146 ETL-GL2146 Datasheet
336Kb / 4P
   C M O S P o s i t i v e V o l t a g e R e g u l a t o r
GQ2141 ETL-GQ2141 Datasheet
773Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G5M2111 ETL-G5M2111 Datasheet
751Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM62FP ETL-GM62FP Datasheet
1Mb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM2116 ETL-GM2116 Datasheet
395Kb / 4P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com