Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1249AD65R2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1249AD65R2G
Description  High-Voltage Current-Mode PWM Controller Featuring Peak Power Excursion and Extremely Low Stand-by Power Consumption
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1249AD65R2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1249AD65R2G Datasheet HTML 2Page - ON Semiconductor NCP1249AD65R2G Datasheet HTML 3Page - ON Semiconductor NCP1249AD65R2G Datasheet HTML 4Page - ON Semiconductor NCP1249AD65R2G Datasheet HTML 5Page - ON Semiconductor NCP1249AD65R2G Datasheet HTML 6Page - ON Semiconductor NCP1249AD65R2G Datasheet HTML 7Page - ON Semiconductor NCP1249AD65R2G Datasheet HTML 8Page - ON Semiconductor NCP1249AD65R2G Datasheet HTML 9Page - ON Semiconductor NCP1249AD65R2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
NCP1249A, NCP1249B
http://onsemi.com
6
Table 4. ELECTRICAL CHARACTERISTICS
(For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, Max TJ = 150°C, VCC = 12 V unless otherwise noted)
Symbol
Unit
Max
Typ
Min
Pin
Rating
REMOTE SECTION
V_REM_on
Remote pin voltage below which is the off−mode deactivated
(VREM going down) (VCC = 0 V)
2
1
1.5
2
V
V_REM_off
Remote pin voltage above which is the off−mode activated
(VREM going up)
2
7.2
8
8.8
V
REM_Timer
Remote timer duration
2
70
140
ms
R_SW_REM
Internal remote pull down switch resistance
2
1000
3000
W
I_REM_leak
Remote input leakage current (VREM = 9 V) (Note 1)
2
0.02
1
mA
FEEDBACK SECTION
Rup(FB)
Internal pull−up resistor
3
17
kW
Req
Equivalent ac resistor from FB to gnd
3
10
15
20
kW
Iratio
Pin 3 to current setpoint division ratio
3,4
4
Vfreeze_FB
Feedback voltage below which the peak current is frozen
3
1
V
FREQUENCY FOLDBACK
Vfold_FB
Frequency foldback level on the feedback pin –
≈47% of maximum peak current
3
1.9
V
ftrans
Transition frequency below which skip−cycle occurs
22
26
30
kHz
Vfold_end
End of frequency foldback feedback level, fsw = fmin
3
1.5
V
Vskip
Skip−cycle level voltage on the feedback pin
3
400
mV
Skip hysteresis
Hysteresis on the skip comparator – note 1
3
30
mV
INTERNAL SLOPE COMPENSATION
Vramp
Internal ramp level @ 25°C – note 3
4
2.5
V
Rramp
Internal ramp resistance to CS pin
4
20
kW
PROTECTIONS
Vlatch
Latching level input
5
2.7
3
3.3
V
Tlatch−blank
Blanking time after drive turn off
5
1
ms
Tlatch−count
Number of clock cycles before latch confirmation
4
Tlatch−del
OVP detection time constant
5
600
ns
VOVL
Feedback voltage at which an overload is considered –
OPP pin is grounded
3
3.2
V
VSC
Feedback voltage above which a short−circuit is considered
3
3.9
4.1
4.3
V
Timer1
Fault timer duration when 3.2 < VFB < 4.1 V − overload
100
200
300
ms
Timer2
Fault timer duration when VFB > 4.1 V is Timer1/4 – short−circuit condition
25
50
75
ms
VOVP
Latched Over voltage protection on the Vcc rail
8
26
27.5
29
V
TOVP_del
Delay before OVP on Vcc confirmation
8
20
30
ms
TA−rec_timer
Auto−recovery timer duration
0.7
s
TEMPERATURE SHUTDOWN
TTSD
Temperature shutdown TJ going up
150
°C
TTSD(HYS)
Temperature shutdown hysteresis
30
°C
2. Guaranteed by design
3. See characterization table for linearity over negative bias voltage – we recommend keeping the level on pin 5 below −300 mV.
4. A 1−MW resistor is connected from pin 4 to the ground for the measurement.


Similar Part No. - NCP1249AD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1249C ONSEMI-NCP1249C Datasheet
1Mb / 33P
   High-Voltage CurrentMode PWM Controller Featuring Peak Power Excursion
September, 2013 ??Rev. 0
NCP1249CD65R2G ONSEMI-NCP1249CD65R2G Datasheet
1Mb / 33P
   High-Voltage CurrentMode PWM Controller Featuring Peak Power Excursion
September, 2013 ??Rev. 0
NCP1249D ONSEMI-NCP1249D Datasheet
1Mb / 33P
   High-Voltage CurrentMode PWM Controller Featuring Peak Power Excursion
September, 2013 ??Rev. 0
NCP1249DD65R2G ONSEMI-NCP1249DD65R2G Datasheet
1Mb / 33P
   High-Voltage CurrentMode PWM Controller Featuring Peak Power Excursion
September, 2013 ??Rev. 0
More results

Similar Description - NCP1249AD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1249C ONSEMI-NCP1249C Datasheet
1Mb / 33P
   High-Voltage CurrentMode PWM Controller Featuring Peak Power Excursion
September, 2013 ??Rev. 0
NCP1254 ONSEMI-NCP1254 Datasheet
376Kb / 25P
   Current-Mode PWM Controller for Off-line Power Supplies featuring Peak Power Excursion
March, 2013 ??Rev. P1
NCP1255 ONSEMI-NCP1255_13 Datasheet
435Kb / 28P
   Current-Mode PWM Controller for Off-line Power Supplies featuring Peak Power Excursion
June, 2013 ??Rev. 1
NCP1255 ONSEMI-NCP1255_12 Datasheet
418Kb / 22P
   Current-Mode PWM Controller for Off-line Power Supplies featuring Peak Power Excursion
December, 2012 ??Rev. P0
logo
Minmax Technology Co., ...
MCWI05 MINMAX-MCWI05 Datasheet
468Kb / 4P
   Low Stand-by Power Consumption
logo
MORNSUN Science& Techno...
MBP300-2A27D27 MORNSUN-MBP300-2A27D27 Datasheet
1Mb / 7P
   Low stand-by power consumption
logo
Vishay Siliconix
SIP2800 VISHAY-SIP2800 Datasheet
93Kb / 8P
   Low Power Consumption Current Mode Controller
Rev.C, 30-Aug-04
SIP2800 VISHAY-SIP2800_11 Datasheet
174Kb / 10P
   Low Power Consumption Current Mode Controller
Rev. E, 25-Apr-11
SIP2800 VISHAY-SIP2800_V01 Datasheet
161Kb / 11P
   Low Power Consumption Current Mode Controller
08-Feb-17
logo
Torex Semiconductor
XD6216 TOREX-XD6216 Datasheet
747Kb / 18P
   28V Low Power Consumption 150mA Voltage Regulators (with Stand-by Function)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com