Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1249AD65R2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1249AD65R2G
Description  High-Voltage Current-Mode PWM Controller Featuring Peak Power Excursion and Extremely Low Stand-by Power Consumption
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1249AD65R2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1249AD65R2G Datasheet HTML 7Page - ON Semiconductor NCP1249AD65R2G Datasheet HTML 8Page - ON Semiconductor NCP1249AD65R2G Datasheet HTML 9Page - ON Semiconductor NCP1249AD65R2G Datasheet HTML 10Page - ON Semiconductor NCP1249AD65R2G Datasheet HTML 11Page - ON Semiconductor NCP1249AD65R2G Datasheet HTML 12Page - ON Semiconductor NCP1249AD65R2G Datasheet HTML 13Page - ON Semiconductor NCP1249AD65R2G Datasheet HTML 14Page - ON Semiconductor NCP1249AD65R2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
NCP1249A, NCP1249B
http://onsemi.com
11
TYPICAL CHARACTERISTICS
Figure 27. DRV Pin Level at VCC Close to
VCC_OFF, VDRVlow
Figure 28. DRV Pin Level at VCC Close to VOVP,
VDRVhigh
TEMPERATURE (°C)
TEMPERATURE (°C)
11.0
11.5
12.0
12.5
13.0
13.5
14.0
110
80
35
20
5
−10
−25
−40
50
65
95
125
9.0
9.5
10.0
10.5
11.0
110
80
35
20
5
−10
−25
−40
50
65
95
125
Figure 29. Maximum Internal Current
Set−point, Vlimit
Figure 30. Default Internal Voltage Set Point
for Frequency Foldback, Vfold_CS
TEMPERATURE (°C)
TEMPERATURE (°C)
0.75
0.77
0.79
0.81
0.83
0.85
110
80
35
20
5
−10
−25
−40
50
65
95
125
470
480
490
500
110
80
35
20
5
−10
−25
−40
50
65
95
125
Figure 31. Internal Peak Current Set−point
Freeze, Vfreeze_CS
Figure 32. Propagation Delay from Current
Detection to Gate Off−state, TDEL
TEMPERATURE (°C)
TEMPERATURE (°C)
230
235
240
245
250
49
50
51
52
53
54
55
110
80
35
20
5
−10
−25
−40
50
65
95
125
110
80
35
20
5
−10
−25
−40
50
65
95
125


Similar Part No. - NCP1249AD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1249C ONSEMI-NCP1249C Datasheet
1Mb / 33P
   High-Voltage CurrentMode PWM Controller Featuring Peak Power Excursion
September, 2013 ??Rev. 0
NCP1249CD65R2G ONSEMI-NCP1249CD65R2G Datasheet
1Mb / 33P
   High-Voltage CurrentMode PWM Controller Featuring Peak Power Excursion
September, 2013 ??Rev. 0
NCP1249D ONSEMI-NCP1249D Datasheet
1Mb / 33P
   High-Voltage CurrentMode PWM Controller Featuring Peak Power Excursion
September, 2013 ??Rev. 0
NCP1249DD65R2G ONSEMI-NCP1249DD65R2G Datasheet
1Mb / 33P
   High-Voltage CurrentMode PWM Controller Featuring Peak Power Excursion
September, 2013 ??Rev. 0
More results

Similar Description - NCP1249AD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1249C ONSEMI-NCP1249C Datasheet
1Mb / 33P
   High-Voltage CurrentMode PWM Controller Featuring Peak Power Excursion
September, 2013 ??Rev. 0
NCP1254 ONSEMI-NCP1254 Datasheet
376Kb / 25P
   Current-Mode PWM Controller for Off-line Power Supplies featuring Peak Power Excursion
March, 2013 ??Rev. P1
NCP1255 ONSEMI-NCP1255_13 Datasheet
435Kb / 28P
   Current-Mode PWM Controller for Off-line Power Supplies featuring Peak Power Excursion
June, 2013 ??Rev. 1
NCP1255 ONSEMI-NCP1255_12 Datasheet
418Kb / 22P
   Current-Mode PWM Controller for Off-line Power Supplies featuring Peak Power Excursion
December, 2012 ??Rev. P0
logo
Minmax Technology Co., ...
MCWI05 MINMAX-MCWI05 Datasheet
468Kb / 4P
   Low Stand-by Power Consumption
logo
MORNSUN Science& Techno...
MBP300-2A27D27 MORNSUN-MBP300-2A27D27 Datasheet
1Mb / 7P
   Low stand-by power consumption
logo
Vishay Siliconix
SIP2800 VISHAY-SIP2800 Datasheet
93Kb / 8P
   Low Power Consumption Current Mode Controller
Rev.C, 30-Aug-04
SIP2800 VISHAY-SIP2800_11 Datasheet
174Kb / 10P
   Low Power Consumption Current Mode Controller
Rev. E, 25-Apr-11
SIP2800 VISHAY-SIP2800_V01 Datasheet
161Kb / 11P
   Low Power Consumption Current Mode Controller
08-Feb-17
logo
Torex Semiconductor
XD6216 TOREX-XD6216 Datasheet
747Kb / 18P
   28V Low Power Consumption 150mA Voltage Regulators (with Stand-by Function)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com