Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP51190 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP51190
Description  1.5A DDR Memory Termination Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP51190 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP51190 Datasheet HTML 1Page - ON Semiconductor NCP51190 Datasheet HTML 2Page - ON Semiconductor NCP51190 Datasheet HTML 3Page - ON Semiconductor NCP51190 Datasheet HTML 4Page - ON Semiconductor NCP51190 Datasheet HTML 5Page - ON Semiconductor NCP51190 Datasheet HTML 6Page - ON Semiconductor NCP51190 Datasheet HTML 7Page - ON Semiconductor NCP51190 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2013
May, 2013 − Rev. 0
1
Publication Order Number:
NCP51190/D
NCP51190
1.5A DDR Memory
Termination Regulator
The NCP51190 is a simple, cost−effective, high−speed linear
regulator designed to generate the VTT termination voltage rail for
DDR−I, DDR−II and DDR−III memory. The regulator is capable of
actively sourcing or sinking up to
±1.5 A for DDR−I, or up to ±0.5 A
for DDR−II
/−III while regulating the output voltage to within
±30 mV.
The output termination voltage is tightly regulated to track VTT =
(VDDQ / 2) over the entire current range.
The NCP51190 incorporates a high−speed differential amplifier to
provide ultra−fast response to line and load transients. Other features
include extremely low initial offset voltage, excellent load regulation,
source/sink soft−start and on−chip thermal shut−down protection.
The NCP51190 features the power−saving Suspend To Ram (STR)
function which will tri−state the regulator output and lower the
quiescent current drawn when the /SS pin is pulled low.
The NCP51190 is available in a DFN8 package.
Features
Generate DDR Memory Termination Voltage (VTT)
For DDR−I, DDR−II, DDR−III Source / Sink Currents
Supports DDR−I to ±1.5 A, DDR−II, DDR−III to ±0.5 A (peak)
Integrated Power MOSFETs with Thermal Protection
Stable with 10 mF Ceramic VTT Capacitor
High Accuracy Output Voltage at Full−Load
Minimal External Component Count
Shutdown for Standby or Suspend to RAM (STR) mode
Built−in Soft Start
These are Pb−Free Devices
Appications
Desktop PC’s, Notebooks, and Workstations
Graphics Card DDR Memory Termination
Set Top Boxes, Digital TV’s, Printers
Embedded Systems
Active Bus Termination
MARKING
DIAGRAM
http://onsemi.com
DFN8
MN SUFFIX
CASE 506AA
Device
Package
Shipping
ORDERING INFORMATION
DFN8
(Pb−Free)
3000 / Tape & Reel
NCP51190MNTAG
PIN CONNECTION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
1
A5MG
G
1
A5 = Specific Device Code
M
= Date Code
G
= Pb−Free Device
(Note: Microdot may be in either location)


Similar Part No. - NCP51190

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP51190 ONSEMI-NCP51190 Datasheet
113Kb / 9P
   1.5A DDR Memory Termination Regulator
January, 2017 ??Rev. 4
NCP51190MNTAG ONSEMI-NCP51190MNTAG Datasheet
107Kb / 9P
   1.5A DDR Memory Termination Regulator
November, 2014 ??Rev. 3
NCP51190MNTAG ONSEMI-NCP51190MNTAG Datasheet
113Kb / 9P
   1.5A DDR Memory Termination Regulator
January, 2017 ??Rev. 4
NCP51190 ONSEMI-NCP51190_14 Datasheet
107Kb / 9P
   1.5A DDR Memory Termination Regulator
November, 2014 ??Rev. 3
NCP51190 ONSEMI-NCP51190_17 Datasheet
113Kb / 9P
   1.5A DDR Memory Termination Regulator
January, 2017 ??Rev. 4
More results

Similar Description - NCP51190

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP51190 ONSEMI-NCP51190_17 Datasheet
113Kb / 9P
   1.5A DDR Memory Termination Regulator
January, 2017 ??Rev. 4
NCP51190 ONSEMI-NCP51190_14 Datasheet
107Kb / 9P
   1.5A DDR Memory Termination Regulator
November, 2014 ??Rev. 3
logo
Silicon Standard Corp.
SS6383 SSC-SS6383 Datasheet
745Kb / 7P
   1.5A DDR Termination Regulator
logo
BCD Semiconductor Manuf...
AP2301 BCDSEMI-AP2301 Datasheet
160Kb / 12P
   1.5A DDR TERMINATION REGULATOR
logo
Eutech Microelectronics...
EUP7996 EUTECH-EUP7996 Datasheet
316Kb / 10P
   1.5A DDR Termination Regulator
logo
ON Semiconductor
NCP51198 ONSEMI-NCP51198 Datasheet
111Kb / 9P
   DDR Memory Termination Regulator
April, 2015 ??Rev. 3
logo
Fairchild Semiconductor
FAN1654 FAIRCHILD-FAN1654 Datasheet
80Kb / 7P
   1.5A LDO, DDR Bus Termination Regulator
logo
Monolithic Power System...
MP20073 MPS-MP20073 Datasheet
437Kb / 11P
   2A, 1.3V.6.0V DDR Memory Termination Regulator
MP2007 MPS-MP2007 Datasheet
257Kb / 11P
   3A, 1.3V??.0V DDR Memory Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com