Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVZ18EC122KBS Datasheet(PDF) 4 Page - World Produts Inc.

Part # TVZ18EC122KBS
Description  Thermally Protectected Varistors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

TVZ18EC122KBS Datasheet(HTML) 4 Page - World Produts Inc.

  TVZ18EC122KBS Datasheet HTML 1Page - World Produts Inc. TVZ18EC122KBS Datasheet HTML 2Page - World Produts Inc. TVZ18EC122KBS Datasheet HTML 3Page - World Produts Inc. TVZ18EC122KBS Datasheet HTML 4Page - World Produts Inc. TVZ18EC122KBS Datasheet HTML 5Page - World Produts Inc. TVZ18EC122KBS Datasheet HTML 6Page - World Produts Inc. TVZ18EC122KBS Datasheet HTML 7Page - World Produts Inc. TVZ18EC122KBS Datasheet HTML 8Page - World Produts Inc. TVZ18EC122KBS Datasheet HTML 9Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Thermally ProTecTecTed VarisTors
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 12.3
2 | Thermally Protected Varistors
Features
RoHS compliant types available
UL1449, UL1414 and CUL recognition or pending status.
Patented product (U.S. Patent #6636403 and IE010410).
Low Leakage Current under normal operating voltage.
UL1449 3rd edition abnormal over-voltage test (10A, 5A, 2.5A, 0.5A and 0.125A)
recognition pending.
Wave solderable.
High Surge Current Rating up to 40kA.
-55°C to 85°C Operating Temperature Range.
Three leaded versions available, with fuses located on either the third
or second lead.
ISO and TS16949 certification.
Applications
Transient Voltage Surge Suppressor (TVSS) Products
AC Panel Protection Modules
AC Line Power Supplies
Surge Protected Strip
AC Power Meters
Uninterruptable Power Supply
White Goods
Inverters
DIN Rail
AC/DC Power Supplies
Approvals
APPROVALS
14mm
18mm
20mm
25mm
(Round Type)
25mm
(Rectangular Type)
34mm
UL and CUL 1449
Third Edition (includes UL60691)
File #E321567**
RoHS Series
ALL VALUES
Non-RoHS and
RoHS Type
Series 115VAC
through 420VAC
RoHS Series
ALL VALUES
(1) RoHS Series 120VAC
through 420 VAC
(2) Standard
(non-RoHS) Series 130
VAC through 195 VAC
RoHS Series
ALL VALUES
RoHS Series
ALL VALUES
UL and CUL1414****
File #E71602
Non-RoHS &
RoHS Series
Non-RoHS &
RoHS Series
Non-RoHS &
RoHS Series
Non-RoHS &
RoHS Series***
N/A
Non-RoHS &
RoHS Series
VDE
File #40037747
RoHS Series ALL VALUES
QC 42201 - C002:2012-02
QC 42201 - A002:2012-02
IEC 60950-1: 2005 Annex Q
IECQ-C BSI 12.001
IEC 61051-2 1991-01
IEC 61051-1 2007-04
IEC 61051-2-2 1991-01
CB SCHEME
Certificate Number C580610
** 18mm and 25mm sizes recognized to SPD Application Category Type 2.
Note: Non-RoHS TVZ approvals expire March 16, 2016.
*** with the exception of 120 VAC rated part.
****Metal Oxide Varistors may not be recognized to UL1414 from December 25, 2013.
SINCERA
T25D271K
611
VDE


Similar Description - TVZ18EC122KBS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV34S111MP LITTELFUSE-TMOV34S111MP Datasheet
994Kb / 8P
   Industrial High Energy Thermally Protected Varistors > TMOV짰34S Series
EC635 LITTELFUSE-EC635 Datasheet
325Kb / 4P
   Designing with thermally protected TMOV Varistors in TVSS Applications
LST3205VL2NT1 LITTELFUSE-LST3205VL2NT1 Datasheet
559Kb / 4P
   Metal Oxide Varistors (MOVs) LST Varistor Series > SPD Thermally Protected Varistor
Revised: 02/18/21
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
logo
List of Unclassifed Man...
2232592 ETC2-2232592 Datasheet
172Kb / 23P
   Varistors
logo
Vishay Siliconix
2322592 VISHAY-2322592 Datasheet
269Kb / 18P
   Varistors
Revision: 28-Apr-04
logo
Semikron International
SKVC20A460C SEMIKRON-SKVC20A460C Datasheet
149Kb / 2P
   VARISTORS
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
SIOV-CT0603M4G EPCOS-SIOV-CT0603M4G Datasheet
131Kb / 15P
   SMD Varistors
logo
Panasonic Semiconductor
EZJPZV6R8GANIL PANASONIC-EZJPZV6R8GANIL Datasheet
452Kb / 13P
   Multilayer Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com