Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS29001 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCS29001
Description  LED Backlight Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS29001 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCS29001 Datasheet HTML 3Page - ON Semiconductor NCS29001 Datasheet HTML 4Page - ON Semiconductor NCS29001 Datasheet HTML 5Page - ON Semiconductor NCS29001 Datasheet HTML 6Page - ON Semiconductor NCS29001 Datasheet HTML 7Page - ON Semiconductor NCS29001 Datasheet HTML 8Page - ON Semiconductor NCS29001 Datasheet HTML 9Page - ON Semiconductor NCS29001 Datasheet HTML 10Page - ON Semiconductor NCS29001 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NCS29001
http://onsemi.com
7
APPLICATION CONDITIONS
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VINIC
VIN pin voltage
8.5
12
18
V
VINInductor
Inductor input voltage
8.5
80
VOUT
Output voltage range
VOUT/VINInductor Max = 5
VINInductor = 8.5 to 24 V | VOUT = 50 to 80 V
VINInductor = 24 to 50 V | VOUT = 80 to 130 V
VINInductor = 50 to 80 V | VOUT = 130 to 240 V
50
240
V
h
Peak efficiency
VINIC = 12 V, VOUT = 130 V, IOUT = 200 mA
VINIC = 12 V, VOUT = 240 V, IOUT = 200 mA
95
95
%
ΟΥΤ
Output Voltage Accuracy
including voltage ripple, from −40°C to 85°C,
VINIC = 8.5 V to 18 V
−2
2
%
POWER UP SEQUENCE
Figure 4. Soft Start Power Up from Standby
Standby
VIN
PWMin
PWMout
Vcomp
UVLO
GATE
For the device to begin the soft start sequence the VIN pin voltage needs to be above the UVLO threshold and the OVP pin
voltage needs to be above the VSCP threshold. From standby mode soft start will begin when STBY pin goes low and PWMin
pin goes high and lasts for a fixed number of clock cycles. This ensures that smooth start up if the device is powered on from
standby with a PWM input.


Similar Part No. - NCS29001

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
NCS2-222 MINI-NCS2-222 Datasheet
262Kb / 2P
   RF Transformer
REV. C
NCS2-222++ MINI-NCS2-222+ Datasheet
635Kb / 1P
   Baluns/Transformers
REV. OR
NCS2-222++ MINI-NCS2-222+ Datasheet
262Kb / 2P
   RF Transformer
REV. C
NCS2-222-2 MINI-NCS2-222-2 Datasheet
256Kb / 1P
   RF Transformer
REV. OR
NCS2-222-2++ MINI-NCS2-222-2+ Datasheet
256Kb / 1P
   RF Transformer
REV. OR
More results

Similar Description - NCS29001

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-5.7B-LED NEWHAVEN-NHD-5.7B-LED Datasheet
195Kb / 3P
   LED Backlight Driver
NHD-5.7F-LED NEWHAVEN-NHD-5.7F-LED Datasheet
339Kb / 3P
   LED Backlight Driver
logo
List of Unclassifed Man...
DF6113 ETC2-DF6113 Datasheet
1Mb / 7P
   LED Backlight Driver
logo
Maxim Integrated Produc...
MAX20070 MAXIM-MAX20070 Datasheet
1Mb / 34P
   LED Backlight Driver
Rev 0; 9/14
logo
Holtek Semiconductor In...
HT7963 HOLTEK-HT7963 Datasheet
2Mb / 11P
   LED Backlight Driver
logo
NXP Semiconductors
UBA3070 NXP-UBA3070 Datasheet
78Kb / 13P
   LED backlight driver IC
Rev. 02-2 December 2008
logo
ON Semiconductor
NCP5008 ONSEMI-NCP5008 Datasheet
119Kb / 20P
   Backlight LED Boost Driver
August, 2003 ??Rev. 4
NCP5008 ONSEMI-NCP5008_06 Datasheet
160Kb / 17P
   Backlight LED Boost Driver
April, 2006 ??Rev. 7
logo
National Semiconductor ...
LP5520 NSC-LP5520 Datasheet
1,022Kb / 34P
   RGB Backlight LED Driver
logo
Integrated Silicon Solu...
IS31BL3229 ISSI-IS31BL3229 Datasheet
347Kb / 11P
   8-LED BACKLIGHT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com