Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS29001 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCS29001
Description  LED Backlight Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS29001 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCS29001 Datasheet HTML 6Page - ON Semiconductor NCS29001 Datasheet HTML 7Page - ON Semiconductor NCS29001 Datasheet HTML 8Page - ON Semiconductor NCS29001 Datasheet HTML 9Page - ON Semiconductor NCS29001 Datasheet HTML 10Page - ON Semiconductor NCS29001 Datasheet HTML 11Page - ON Semiconductor NCS29001 Datasheet HTML 12Page - ON Semiconductor NCS29001 Datasheet HTML 13Page - ON Semiconductor NCS29001 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NCS29001
http://onsemi.com
10
SOFT START WITH PWM INPUT
Figure 7 below shows an example of a soft start when the device is powered up from standby with a PWM input. The PWM
signal here is at 100 Hz with a duty cycle of 30%. In this case the LED reaches 100% of its programmed value in 100 ms. This
time can be decreased if the PWM signal runs at a higher duty cycle.
100ms with 30% dimming duty cycle,
100Hz
Vfbp
Vfbn & LED
current
LED current reaches 100%
when Vfbn crosses Vfbp
Soft start with PWM dimming active
Vcomp is kept during
dimming off
PWMin and PWMout
Back light LED brightness gradually
rise to the set value
Figure 7. Soft Start with PWM Input
GATE AND PWMOUT PIN DRIVER CIRCUIT
Since external transistors are required for the boost converter and PWM dimming functions, the device contains an internal
10 V regulator to drive the gate of these transistors. In the case of the PWM transistor this also functions as a level translator
for the PWMin input pin. When selecting external components it is important that the transistor has enough gate drive to ensure
low RDS(on) for the expected current.
It should be noted that the internal 10 V regulator will start to drop when the VIN voltage is sufficiently low. When the VIN
voltage is 8.5 V the gate drivers will be limited to around 7.7 V.


Similar Part No. - NCS29001

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
NCS2-222 MINI-NCS2-222 Datasheet
262Kb / 2P
   RF Transformer
REV. C
NCS2-222++ MINI-NCS2-222+ Datasheet
635Kb / 1P
   Baluns/Transformers
REV. OR
NCS2-222++ MINI-NCS2-222+ Datasheet
262Kb / 2P
   RF Transformer
REV. C
NCS2-222-2 MINI-NCS2-222-2 Datasheet
256Kb / 1P
   RF Transformer
REV. OR
NCS2-222-2++ MINI-NCS2-222-2+ Datasheet
256Kb / 1P
   RF Transformer
REV. OR
More results

Similar Description - NCS29001

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-5.7B-LED NEWHAVEN-NHD-5.7B-LED Datasheet
195Kb / 3P
   LED Backlight Driver
NHD-5.7F-LED NEWHAVEN-NHD-5.7F-LED Datasheet
339Kb / 3P
   LED Backlight Driver
logo
List of Unclassifed Man...
DF6113 ETC2-DF6113 Datasheet
1Mb / 7P
   LED Backlight Driver
logo
Maxim Integrated Produc...
MAX20070 MAXIM-MAX20070 Datasheet
1Mb / 34P
   LED Backlight Driver
Rev 0; 9/14
logo
Holtek Semiconductor In...
HT7963 HOLTEK-HT7963 Datasheet
2Mb / 11P
   LED Backlight Driver
logo
NXP Semiconductors
UBA3070 NXP-UBA3070 Datasheet
78Kb / 13P
   LED backlight driver IC
Rev. 02-2 December 2008
logo
ON Semiconductor
NCP5008 ONSEMI-NCP5008 Datasheet
119Kb / 20P
   Backlight LED Boost Driver
August, 2003 ??Rev. 4
NCP5008 ONSEMI-NCP5008_06 Datasheet
160Kb / 17P
   Backlight LED Boost Driver
April, 2006 ??Rev. 7
logo
National Semiconductor ...
LP5520 NSC-LP5520 Datasheet
1,022Kb / 34P
   RGB Backlight LED Driver
logo
Integrated Silicon Solu...
IS31BL3229 ISSI-IS31BL3229 Datasheet
347Kb / 11P
   8-LED BACKLIGHT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com