Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A27020-55 Datasheet(PDF) 1 Page - AMIC Technology

Part # A27020-55
Description  256K X 8 OTP CMOS EPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A27020-55 Datasheet(HTML) 1 Page - AMIC Technology

  A27020-55 Datasheet HTML 1Page - AMIC Technology A27020-55 Datasheet HTML 2Page - AMIC Technology A27020-55 Datasheet HTML 3Page - AMIC Technology A27020-55 Datasheet HTML 4Page - AMIC Technology A27020-55 Datasheet HTML 5Page - AMIC Technology A27020-55 Datasheet HTML 6Page - AMIC Technology A27020-55 Datasheet HTML 7Page - AMIC Technology A27020-55 Datasheet HTML 8Page - AMIC Technology A27020-55 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
A27020 Series
Preliminary
256K X 8 OTP CMOS EPROM
PRELIMINARY
(August, 2002, Version 0.0)
AMIC Technology, Inc.
Document Title
256K X 8 OTP CMOS EPROM
Revision History
Rev. No.
History
Issue Date
Remark
0.0
Initial issue
August 2, 2002
Preliminary


Similar Part No. - A27020-55

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A27020A AMICC-A27020A Datasheet
175Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020A-55 AMICC-A27020A-55 Datasheet
175Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020A-55F AMICC-A27020A-55F Datasheet
175Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020A-70 AMICC-A27020A-70 Datasheet
175Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020A-70F AMICC-A27020A-70F Datasheet
175Kb / 14P
   256K X 8 OTP CMOS EPROM
More results

Similar Description - A27020-55

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020A AMICC-A27020A Datasheet
175Kb / 14P
   256K X 8 OTP CMOS EPROM
A278308 AMICC-A278308 Datasheet
252Kb / 14P
   256K X 8 OTP CMOS EPROM
A278308A AMICC-A278308A Datasheet
173Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
   256K 32K x 8 Low Voltage OTP CMOS EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
logo
Maxwell Technologies
27C256T MAXWELL-27C256T Datasheet
126Kb / 14P
   256K (32K x 8-Bit) OTP EPROM
logo
ATMEL Corporation
AT27C020 ATMEL-AT27C020 Datasheet
170Kb / 9P
   2-Megabit 256K x 8 OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com