Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EXB24V Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EXB24V
Description  Chip Resistor Array
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EXB24V Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EXB24V Datasheet HTML 1Page - Panasonic Semiconductor EXB24V Datasheet HTML 2Page - Panasonic Semiconductor EXB24V Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Chip Resistor Array
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– 32 –
P
P
L
L
A1
A1
A2
EXBV4V
EXBN8V, V8V, S8V
T
T
P
L
T
A1
A2
EXB18V
A1
P
T
P
L
T
L
A1
A2
EXB14V, 24V, 34V
EXB28V, 38V
P
T
L
A1
A2
EXB2HV
Type
(inch size)
Dimensions (mm)
Mass (Weight)
[g/1000 pcs.]
LWT
A1
A2
B
P
G
EXBN8V (0402 4)
2.00
±0.10
1.00
±0.10
0.45
±0.10
0.30
±0.10
0.30
±0.10
0.20
±0.15
(0.50)
0.30
±0.15
3.0
EXBV4V (0603 2)
1.60
+0.20
1.60
+0.20
0.60
±0.10
0.60
±0.10
—0.30
±0.15
(0.80)
0.45
±0.15
5.0
EXBV8V (0603 4)
3.20
+0.20
1.60
+0.20
0.60
±0.10
0.60
±0.10
0.60
±0.10
0.30
±0.15
(0.80)
0.45
±0.15
10
EXBS8V (0805 4)
5.08
+0.20
2.20
+0.20
0.70
±0.20
0.80
±0.15
0.80
±0.15
0.50
±0.15
(1.27)
0.55
±0.15
30
Type
(inch size)
Dimensions (mm)
Mass (Weight)
[g/1000 pcs.]
LWT
A1
A2
B
P
G
EXB14V (0201 2)
0.80
±0.10
0.60
±0.10
0.35
±0.10
0.35
±0.10
—0.15
±0.10
(0.50)
0.15
±0.10
0.5
EXB24V (0402 2)
1.00
±0.10
1.00
±0.10
0.35
±0.10
0.40
±0.10
—0.18
±0.10
(0.65)
0.25
±0.10
1.2
EXB28V (0402 4)
2.00
±0.10
1.00
±0.10
0.35
±0.10
0.45
±0.10
0.35
±0.10
0.20
±0.10
(0.50)
0.25
±0.10
2.0
EXB2HV (0402 8)
3.80
±0.10
1.60
±0.10
0.45
±0.10
0.35
±0.10
0.35
±0.10
0.30
±0.10
(0.50)
0.30
±0.10
9.0
EXB34V (0603 2)
1.60
±0.20
1.60
±0.15
0.50
±0.10
0.65
±0.15
—0.30
±0.20
(0.80)
0.30
±0.20
3.5
EXB38V (0603 4)
3.20
±0.20
1.60
±0.15
0.50
±0.10
0.65
±0.15
0.45
±0.15
0.30
±0.20
(0.80)
0.35
±0.20
7.0
–0.10
–0.10
–0.10
–0.10
–0.10
–0.10
Type
(inch size)
Dimensions (mm)
Mass (Weight)
[g/1000 pcs.]
LWT
A1
A2
B
P
G
EXB18V (0201 4)
1.40
±0.10
0.60
±0.10
0.35
±0.10
0.20
±0.10
0.20
±0.10
0.10
±0.10
(0.40)
0.20
±0.10
1.0
( ) Reference
Dimensions in mm (not to scale)
(1) Convex Terminal type
(2) Concave Terminal type
(3) Flat Terminal type
( ) Reference
( ) Reference
Sep. 2010
00


Similar Part No. - EXB24V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EXB24V PANASONIC-EXB24V Datasheet
166Kb / 6P
   Chip Resistor Array
EXB24V PANASONIC-EXB24V Datasheet
117Kb / 3P
   Chip Resistor Array
EXB24V PANASONIC-EXB24V Datasheet
109Kb / 3P
   Chip Resistor Array
EXB24V PANASONIC-EXB24V Datasheet
117Kb / 3P
   Chip Resistor Array
EXB24V PANASONIC-EXB24V Datasheet
109Kb / 3P
   Chip Resistor Array
More results

Similar Description - EXB24V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
EXB28V NAIS-EXB28V Datasheet
105Kb / 10P
   Chip Resistor Array
logo
Panasonic Semiconductor
EXBV8V473JV PANASONIC-EXBV8V473JV Datasheet
117Kb / 3P
   Chip Resistor Array
logo
Bourns Electronic Solut...
CAY10 BOURNS-CAY10_08 Datasheet
394Kb / 3P
   Chip Resistor Array
CAY10 BOURNS-CAY10 Datasheet
228Kb / 1P
   Chip Resistor Array
logo
List of Unclassifed Man...
RA1632 ETC-RA1632 Datasheet
93Kb / 2P
   CHIP RESISTOR ARRAY
logo
Panasonic Semiconductor
EXB-28V470JX PANASONIC-EXB-28V470JX Datasheet
109Kb / 3P
   Chip Resistor Array
EXB-38V152JV PANASONIC-EXB-38V152JV Datasheet
109Kb / 3P
   Chip Resistor Array
EXB-2HV151JV PANASONIC-EXB-2HV151JV Datasheet
109Kb / 3P
   Chip Resistor Array
EXB14V PANASONIC-EXB14V_10 Datasheet
117Kb / 3P
   Chip Resistor Array
EXB-38V183JV PANASONIC-EXB-38V183JV Datasheet
109Kb / 3P
   Chip Resistor Array
EXB-V8V330JV PANASONIC-EXB-V8V330JV Datasheet
109Kb / 3P
   Chip Resistor Array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com