Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV14D550K-H Datasheet(PDF) 11 Page - World Produts Inc.

Part # EV14D550K-H
Description  Metal Oxide Varistors
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

EV14D550K-H Datasheet(HTML) 11 Page - World Produts Inc.

Back Button EV14D550K-H Datasheet HTML 7Page - World Produts Inc. EV14D550K-H Datasheet HTML 8Page - World Produts Inc. EV14D550K-H Datasheet HTML 9Page - World Produts Inc. EV14D550K-H Datasheet HTML 10Page - World Produts Inc. EV14D550K-H Datasheet HTML 11Page - World Produts Inc. EV14D550K-H Datasheet HTML 12Page - World Produts Inc. EV14D550K-H Datasheet HTML 13Page - World Produts Inc. EV14D550K-H Datasheet HTML 14Page - World Produts Inc. EV14D550K-H Datasheet HTML 15Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
Metal Oxide VaristOrs - eV series
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 3.1
Metal Oxide Varistors - EV Series | 9
Standard Dimensions and Lead Modification Options (continued)
E Max Dimensions for EV Standard Series (5, 7, 10, 14 and 20mm) using standard epoxy
coating. For flame retardant coating (suffix “s”) dimensions “E” & “a” add 10% (x1.10) as this
coating is thicker.
Dimensions are in mm (inches)
10mm
Part Number
E Max
mm (in)
Off-set Dimension (a)
±1 (±0.04) mm (in)
Part Number
E Max
mm (in)
Off-set Dimension (a)
±1 (±0.04) mm (in)
EV10D11K
3.8 (.15)
1.4 (.06)
EV10D210K
4.6 (.18)
1.9 (.08)
EV10D14K
3.9 (.15)
1.5 (.06)
EV10D230K
4.8 (.19)
2.0 (.08)
EV10D17K
4.2 (.17)
1.6 (.06)
EV10D250K
5.0 (.20)
2.1 (.08)
EV10D20K
3.8 (.15)
1.8 (.07)
EV10D275K
5.2 (.21)
2.1 (.08)
EV10D25K
4.0 (.16)
1.6 (.06)
EV10D300K
5.4 (.21)
2.6 (.10)
EV10D30K
4.2 (.17)
1.7 (.07)
EV10D320K
5.5 (.22)
2.6 (.10)
EV10D35K
4.3 (.17)
1.8 (.07)
EV10D360K
5.9 (.23)
2.8 (.10)
EV10D40K
4.4 (.17)
2.1 (.08)
EV10D390K
6.2 (.24)
3.1 (.12)
EV10D50K
3.8 (.15)
1.4 (.05)
EV10D420K
6.4 (.25)
*3.3 (.13)
EV10D60K
4.0 (.16)
1.4 (.06)
EV10D460K
6.6 (.26)
*3.5 (.14)
EV10D75K
4.2 (.17)
1.5 (.06)
EV10D485K
6.8 (.27)
*3.6 (.14)
EV10D95K
4.4 (.17)
1.7 (.07)
EV10D510K
7.2 (.28)
*3.8 (.15)
EV10D120K
3.6 (.14)
1.6 (.06)
EV10D550K
7.6 (.30)
*4.1 (.16)
EV10D130K
3.8 (.15)
1.7 (.07)
EV10D625K
8.0 (.32)
*4.4 (.17)
EV10D140K
3.9 (.15)
1.8 (.07)
EV10D680K
8.5 (.37)
*4.9 (.19)
EV10D150K
4.0 (.16)
1.9 (.07)
EV10D750K
9.5 (.37)
*5.4 (.21)
EV10D180K
4.2 (.17)
2.0 (.08)
EV10D1100K
11.5 (.45)
*6.4 (.25)
EV10D195K
4.4 (.17)
1.8 (.07)
14mm
Part Number
E Max
mm (in)
Off-set Dimension (a)
±1 (±0.04) mm (in)
Part Number
E Max
mm (in)
Off-set Dimension (a)
±1 (±0.04) mm (in)
EV14D11K
3.8 (.15)
1.4 (.06)
EV14D210K
4.6 (.18)
2.1 (.08)
EV14D14K
3.9 (.15)
1.5 (.06)
EV14D230K
4.8 (.19)
2.0 (.09)
EV14D17K
4.2 (.17)
1.7 (.07)
EV14D250K
5.0 (.20)
2.3 (.09)
EV14D20K
3.8 (.15)
1.9 (.08)
EV14D275K
5.2 (.21)
2.3 (.09)
EV14D25K
4.0 (.16)
1.7 (.07)
EV14D300K
5.4 (.21)
2.6 (.10)
EV14D30K
4.2 (.17)
1.8 (.07)
EV14D320K
5.5 (.22)
2.6 (.10)
EV14D35K
4.3 (.17)
2.0 (.08)
EV14D360K
5.9 (.23)
2.8 (.10)
EV14D40K
4.4 (.17)
2.2 (.09)
EV14D390K
6.2 (.24)
3.1 (.12)
EV14D50K
3.8 (.15)
1.4 (.06)
EV14D420K
6.4 (.25)
*3.3 (.13)
EV14D60K
4.0 (.16)
1.5 (.06)
EV14D460K
6.6 (.26)
*3.5 (.14)
EV14D75K
4.2 (.17)
1.5 (.06)
EV14D485K
6.8 (.27)
*3.6 (.14)
EV14D95K
4.4 (.17)
1.7 (.07)
EV14D510K
7.2 (.28)
*3.8 (.15)
EV14D120K
3.6 (.14)
1.7 (.07)
EV14D550K
7.6 (.30)
*4.0 (.16)
EV14D130K
3.8 (.15)
1.8 (.07)
EV14D625K
8.0 (.32)
*4.4 (.18)
EV14D140K
3.9 (.15)
1.9 (.08)
EV14D680K
8.5 (.37)
*4.9 (.19)
EV14D150K
4.0 (.16)
1.9 (.08)
EV14D750K
9.7 (.38)
*5.8 (.23)
EV14D180K
4.2 (.17)
2.0 (.08)
EV14D1100K
11.7 (.46)
*6.9 (.27)
EV14D195K
4.4 (.17)
2.0 (.08)
* Parts rated ≥420VAC come standard with inline crimp for straight disk seating on PC boards. For these parts, the “a” dimension is not applicable. If
≥420VAC parts are required without inline crimp, please reference”Part Number System” position 9 and add suffix “N” then reference “a” dimension
above.
E max
a


Similar Part No. - EV14D550K-H

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
EV14-10FB-Q PANDUIT-EV14-10FB-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
EV14-10FNB-Q PANDUIT-EV14-10FNB-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
EV14-10LFB-Q PANDUIT-EV14-10LFB-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
EV14-10RB-Q PANDUIT-EV14-10RB-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
EV14-14FB-Q PANDUIT-EV14-14FB-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
More results

Similar Description - EV14D550K-H

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com