Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4729A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 1N4729A
Description  Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N4729A Datasheet(HTML) 3 Page - Vishay Siliconix

  1N4729A Datasheet HTML 1Page - Vishay Siliconix 1N4729A Datasheet HTML 2Page - Vishay Siliconix 1N4729A Datasheet HTML 3Page - Vishay Siliconix 1N4729A Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1N4728A to 1N4764A
www.vishay.com
Vishay Semiconductors
Rev. 2.3. 13-Nov-12
3
Document Number: 85816
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Admissible Power Dissipation vs. Ambient Temperature
Ptot = f (Tamb)
PACKAGE DIMENSIONS in millimeters (inches): DO-41_1N47xx
200
400
600
800
1000
1200
1400
0
0
50
100
150
200
Tamb- Ambient Temperature (°C)
22671
26 min. [1.024]
26 min. [1.024]
4.1 max. [0.161]
Cathode Identification
3.3 min. [0.128]
Document no. S8-V-3901.04-001(4)
Rev. 1 - Date: 30. Nov. 2011
22624


Similar Part No. - 1N4729A

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
1N4729A CHONGQING-1N4729A Datasheet
60Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
NXP Semiconductors
1N4729A PHILIPS-1N4729A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4729A VISHAY-1N4729A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Rugao Dachang Electroni...
1N4729A DACHANG-1N4729A Datasheet
121Kb / 2P
   High stability and high reliability
logo
List of Unclassifed Man...
1N4729A ETC1-1N4729A Datasheet
16Kb / 1P
   Zener Diodes
More results

Similar Description - 1N4729A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com