Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1MS4T1B5M1QE Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 1MS4T1B5M1QE
Description  Toggle Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1MS4T1B5M1QE Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 1MS4T1B5M1QE Datasheet HTML 7Page - List of Unclassifed Manufacturers 1MS4T1B5M1QE Datasheet HTML 8Page - List of Unclassifed Manufacturers 1MS4T1B5M1QE Datasheet HTML 9Page - List of Unclassifed Manufacturers 1MS4T1B5M1QE Datasheet HTML 10Page - List of Unclassifed Manufacturers 1MS4T1B5M1QE Datasheet HTML 11Page - List of Unclassifed Manufacturers 1MS4T1B5M1QE Datasheet HTML 12Page - List of Unclassifed Manufacturers 1MS4T1B5M1QE Datasheet HTML 13Page - List of Unclassifed Manufacturers 1MS4T1B5M1QE Datasheet HTML 14Page - List of Unclassifed Manufacturers 1MS4T1B5M1QE Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Toggle Switches
Miniature
Page <11>
17/01/12 V1.1
www.farnell.com
www.newark.com
www.element14.com
Termination Options
M1 Solder Lug
0.03 (0.76) Thk
M2 PC Thru-Hole
0.03 (0.76) Thk
Thk 0.03 (0.76)
RE Mating Quick Connector
Amp P/N 60900-1
M5 Wire Wrap
M3 Quick Connect
Thk 0.03 (0.76)
Other Termination Options
M6 Right Angle P.C. Mount
M7 Right Angle P.C. Mount
VS2 Vertical Bracket P.C. Mount
VS3 Vertical Bracket P.C. Mount
VS5 Vertical Bracket P.C. Mount
Option
Code
Dimension
‘A’
M5-1
0.736 (18.7)
M5-2
0.953 (24.2)
M5-3
0.415 (10.55)
M5-4
1.062 (26.97)
Dimensions : Inches (Millimetres)
Dimensions : Inches (Millimetres)
Dimensions : Inches (Millimetres)
Dimensions : Inches (Millimetres)


Similar Part No. - 1MS4T1B5M1QE

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
1MS4A GAPTEC-1MS4A Datasheet
637Kb / 3P
   1W - Single Output - Micro Size Fixed Input - Isolated & Unregulated
1MS4A GAPTEC-1MS4A Datasheet
493Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1MS4A-3UP GAPTEC-1MS4A-3UP Datasheet
493Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1MS4A_0303S3UP GAPTEC-1MS4A_0303S3UP Datasheet
493Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1MS4A_0305S1U GAPTEC-1MS4A_0305S1U Datasheet
637Kb / 3P
   1W - Single Output - Micro Size Fixed Input - Isolated & Unregulated
More results

Similar Description - 1MS4T1B5M1QE

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
54-020 NTE-54-020 Datasheet
5Mb / 21P
   Toggle Switches
logo
List of Unclassifed Man...
9103A ETC2-9103A Datasheet
67Kb / 1P
   Toggle Switches
7580K6 ETC2-7580K6 Datasheet
1Mb / 35P
   Toggle Switches
logo
Carling Technologies
LT1561-130-012 CARLINGTECH-LT1561-130-012 Datasheet
812Kb / 2P
   Toggle Switches
IK251-73 CARLINGTECH-IK251-73 Datasheet
59Kb / 1P
   Toggle Switches
logo
List of Unclassifed Man...
7695K5 ETC2-7695K5 Datasheet
1Mb / 35P
   Toggle Switches
logo
NTE Electronics
54-001 NTE-54-001 Datasheet
5Mb / 21P
   Toggle Switches
logo
List of Unclassifed Man...
7105A ETC2-7105A Datasheet
79Kb / 1P
   toggle switches
logo
Copal Electronics
8-SERIES COPAL-8-SERIES Datasheet
1Mb / 10P
   Toggle Switches
logo
List of Unclassifed Man...
10TL020 ETC2-10TL020 Datasheet
142Kb / 1P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com