Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT03D110 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # BZT03D110
Description  Silicon Zener-Diodes with Surge Current Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZT03D110 Datasheet(HTML) 4 Page - Vishay Siliconix

  BZT03D110 Datasheet HTML 1Page - Vishay Siliconix BZT03D110 Datasheet HTML 2Page - Vishay Siliconix BZT03D110 Datasheet HTML 3Page - Vishay Siliconix BZT03D110 Datasheet HTML 4Page - Vishay Siliconix BZT03D110 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
4
Document Number 85599
Rev. 4, 10-Sep-03
VISHAY
BZT03..Series
Vishay Semiconductors
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Package Dimensions in mm
Figure 1. Epoxy glass hard tissue, board thickness 1.5 mm,
RthJA≤100 K/W
Figure 2. Total Power Dissipation vs. Ambient Temperature
25
50
3
2
50
7
94 9086a
0
0
1
2
3
4
94 9584
40
80
120
160
Tamb– Ambient Temperature ( °C )
200
ll
TL=constant
l=10mm
see Fig.1
15mm
20mm
Figure 3. Forward Current vs. Forward Voltage
Figure 4. Non Repetitive Surge Power Dissipation vs. Pulse
Length
0
0.5
1.0
1.5
0
0.5
1.0
1.5
2.0
3.0
2.0
94 9585
VF – Forward Voltage(V)
2.5
Tj=25°C
0.01
0.1
1
10
10
100
1000
10000
tp – Pulse Length ( ms )
100
94 9586
Tj=25°C
Cathode Identification
3.6 max.
0.82 max.
4.2 max.
Sintered Glass Case
SOD 57
Weight max. 0.5g
technicaldrawings
according to DIN
specifications
94 9538
26 min.
26 min.


Similar Part No. - BZT03D110

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT03D110 VISHAY-BZT03D110 Datasheet
67Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
BZT03D110 VISHAY-BZT03D110 Datasheet
261Kb / 5P
   Silicon Zener-Diodes with Surge Current Specification
Rev. 4, 10-Sep-03
BZT03D110 VISHAY-BZT03D110 Datasheet
126Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Jul-05
BZT03D110 VISHAY-BZT03D110 Datasheet
112Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
logo
Shenzhen Luguang Electr...
BZT03D110 LUGUANG-BZT03D110 Datasheet
233Kb / 4P
   POWER DISSIPATION: 3.25 W
More results

Similar Description - BZT03D110

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT03 VISHAY-BZT03 Datasheet
261Kb / 5P
   Silicon Zener-Diodes with Surge Current Specification
Rev. 4, 10-Sep-03
BZT03 VISHAY-BZT03_10 Datasheet
112Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
BZD27C3V6P-E3-08 VISHAY-BZD27C3V6P-E3-08 Datasheet
127Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.2, 13-Aug-14
BZD27C3V6P VISHAY-BZD27C3V6P_13 Datasheet
109Kb / 7P
   Zener Diodes with Surge Current Specification
Rev. 2.1, 29-Nov-11
BZD27B-M VISHAY-BZD27B-M_V01 Datasheet
123Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
BZD27B-M VISHAY-BZD27B-M Datasheet
118Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZD27C VISHAY-BZD27C Datasheet
117Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.4., 15-Oct-15
BZG04 VISHAY-BZG04_08 Datasheet
184Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 2.2, 15-Sep-05
BZD27B VISHAY-BZD27B_V01 Datasheet
122Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
logo
Vaishali Semiconductor
BZD27C3V6P VAISH-BZD27C3V6P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com