Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8808AECS Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AME8808AECS
Description  750mA CMOS LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8808AECS Datasheet(HTML) 5 Page - Analog Microelectronics

  AME8808AECS Datasheet HTML 1Page - Analog Microelectronics AME8808AECS Datasheet HTML 2Page - Analog Microelectronics AME8808AECS Datasheet HTML 3Page - Analog Microelectronics AME8808AECS Datasheet HTML 4Page - Analog Microelectronics AME8808AECS Datasheet HTML 5Page - Analog Microelectronics AME8808AECS Datasheet HTML 6Page - Analog Microelectronics AME8808AECS Datasheet HTML 7Page - Analog Microelectronics AME8808AECS Datasheet HTML 8Page - Analog Microelectronics AME8808AECS Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Analog Microelectronics, Inc.
5
AME8808
750mA CMOS LDO
n
n
n
n
n Electrical Specifications
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage
VIN
Note 1
8
V
Output Voltage Accuracy
VO
-1.5
1.5
%
1.5V<VO(NOM)<=2.0V
1400
Dropout Voltage
VDROPOUT
2.0V<VO(NOM)<=2.8V
1000
2.8V<VO(NOM)<3.8V
750
Output Current
IO
750
mA
Current Limit
ILIM
750
850
mA
Short Circuit Current
ISC
300
600
mA
Quiescent Current
IQ
30
50
µA
Ground Pin Current
IGND
30
50
µA
VO < 2.0V
0.15
%
VO >= 2.0V
0.02
0.1
%
Load Regulation
REGLOAD
0.2
1
%
Over Temerature Shutdown
OTS
150
oC
Over Temerature Hysterisis
OTH
30
oC
VO Temperature Coefficient
TC
30
ppm/
oC
f=1kHz
50
PSRR
f=10kHz
20
dB
f=100kHz
15
Co=2.2mF
30
Co=100mF
20
Note1:VIN(min)=VOUT+VDROPOUT
Line Regulation
REGLINE
IO=5mA
VIN=VO+1 to VO+2
IO=0mA
IO=1mA to 750mA
See
chart
mV
IO=1mA to 750mA
Power Supply Rejection
IO=100mA
CO=2.2mF
Output Voltage Noise
eN
f=10Hz to 100kHz
IO=10mA,CBYP=0mF
mVrms
TA = 25
o C unless otherwise noted
Test Condition
IO=1mA
IO=750mA
VO=VONOM -2.0%
VO>1.2V
VO>1.2V
VO<0.8V


Similar Part No. - AME8808AECS

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8808AECSZ AME-AME8808AECSZ Datasheet
230Kb / 13P
   750mA CMOS LDO
More results

Similar Description - AME8808AECS

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8843 AME-AME8843_08 Datasheet
97Kb / 11P
   750mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8843 AKM-AME8843 Datasheet
96Kb / 9P
   750mA CMOS LDO
logo
Analog Microelectronics
AME8844 AME-AME8844_07 Datasheet
174Kb / 15P
   750mA CMOS LDO
AME8808 AME-AME8808_08 Datasheet
230Kb / 13P
   750mA CMOS LDO
AME8844 AME-AME8844 Datasheet
273Kb / 14P
   750mA CMOS LDO
AME8844 AME-AME8844_09 Datasheet
145Kb / 16P
   750mA CMOS LDO
logo
SeCoS Halbleitertechnol...
S5U2167 SECOS-S5U2167 Datasheet
1Mb / 6P
   750mA CMOS Positive Voltage Regulator
S5J2187 SECOS-S5J2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
S5U2187 SECOS-S5U2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
logo
GTM CORPORATION
G5U2167 GTM-G5U2167 Datasheet
763Kb / 6P
   750mA CMOS Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com