Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3631NF Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 3631NF
Description  Sealed toggle switches for outdoor applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3631NF Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  3631NF Datasheet HTML 1Page - List of Unclassifed Manufacturers 3631NF Datasheet HTML 2Page - List of Unclassifed Manufacturers 3631NF Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
APEM
www.apem.com
A-117
3600NF series
Sealed toggle switches for outdoor applications
Solder lug/quick-connect terminals
A
Solder lug and quick-connect terminals - double pole
III
II
I
2-1
2-3
5-4
5-6
3641NF/2
ON
-
OFF
3644NF/2*
ON
ON
ON
3645NF/2
MOM -
ON
3646NF/2
ON
-
ON
3647NF/2
MOM OFF MOM
3648NF/2
ON
OFF MOM
3649NF/2
ON
OFF
ON
G
Matt black finish on lever and nut of sealing boot
FINISH
UL
Marking
: to order switches marked UL, complete above box with ”UL”.
AGENCY APPROVAL
X1052
30 mm (1.181) long lever
SPECIAL LEVER
* Function 4 : DP in 4P case, see end of catalogue.
PANEL CUT
-OUT
I
II
III
90˚
21.50
(.846)
(.689)
(.413)
10.50
17.50
24.60
9.20
(.362)
(.968)
Ø12.00x0.75 SI
(.472DIAx0.75 IS)
4
5
6
3
2
1
(.066)
(.48DIA)
1.70
Ø12.20
Ø12.50
(.492DIA)
(.137DIA)
Ø3.50
Ø12.20
(.48DIA)


Similar Part No. - 3631NF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3631 BOURNS-3631 Datasheet
46Kb / 1P
   VDSL POTS Splitter
logo
List of Unclassifed Man...
36310 ETC2-36310 Datasheet
226Kb / 1P
   Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
logo
3M Electronics
36310-3200-008 3M-36310-3200-008 Datasheet
219Kb / 4P
   Shielded Compact Ribbon (SCR) Connectors
June 28, 2007
logo
SCHOTT CORPORATION
36313 SCHOTT-36313 Datasheet
17Kb / 1P
   TRANSFORMER, ADSL
logo
List of Unclassifed Man...
36315 ETC2-36315 Datasheet
226Kb / 1P
   Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
More results

Similar Description - 3631NF

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
BX4A3E HONEYWELL-ACC-BX4A3E Datasheet
515Kb / 9P
   Sealed Toggle Switches
1NT1-3D HONEYWELL-ACC-1NT1-3D Datasheet
515Kb / 9P
   Sealed Toggle Switches
7AT4 HONEYWELL-ACC-7AT4 Datasheet
515Kb / 9P
   Sealed Toggle Switches
BZ-2RQ-A2 HONEYWELL-ACC-BZ-2RQ-A2 Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
BZ-2RW822244-A2 HONEYWELL-ACC-BZ-2RW822244-A2 Datasheet
520Kb / 9P
   Manual Switches Sealed Toggle Switches
HPX030GD HONEYWELL-ACC-HPX030GD Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
CSNX25 HONEYWELL-ACC-CSNX25 Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
HIH-4010-001 HONEYWELL-ACC-HIH-4010-001 Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
logo
ITT Industries
ET01MD1ABE ITT-ET01MD1ABE Datasheet
694Kb / 7P
   Sealed Subminiature Toggle Switches
logo
C&K Components
ET01MD1ABE2 CK-COMPONENTS-ET01MD1ABE2 Datasheet
460Kb / 7P
   Sealed Subminiature Toggle Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com