Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1M45T1B5M1QE Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 1M45T1B5M1QE
Description  Toggle Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1M45T1B5M1QE Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 1M45T1B5M1QE Datasheet HTML 3Page - List of Unclassifed Manufacturers 1M45T1B5M1QE Datasheet HTML 4Page - List of Unclassifed Manufacturers 1M45T1B5M1QE Datasheet HTML 5Page - List of Unclassifed Manufacturers 1M45T1B5M1QE Datasheet HTML 6Page - List of Unclassifed Manufacturers 1M45T1B5M1QE Datasheet HTML 7Page - List of Unclassifed Manufacturers 1M45T1B5M1QE Datasheet HTML 8Page - List of Unclassifed Manufacturers 1M45T1B5M1QE Datasheet HTML 9Page - List of Unclassifed Manufacturers 1M45T1B5M1QE Datasheet HTML 10Page - List of Unclassifed Manufacturers 1M45T1B5M1QE Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Toggle Switches
Miniature
Page <7>
17/01/12 V1.1
www.farnell.com
www.newark.com
www.element14.com
Use with B13 bushing
Use with B18, B20 the lever is
anti-rotation and the size of
lever is 13 mm
Use with B13 bushing
Use with B18, B20 the lever is
anti-rotation and the size of
lever is 18 mm
B1/B2 bushing std
with black and red colour only
(std).
Note:
T11 Actuator shown with standard B1 bushing:
Add 0.07 (1.78) for B3 bushing;
Subtract 0.02 (0.51) for B6 bushing.
Std for M1.M2 Terminal sub. 0.016 (0.4) for
M6.M7.VSX
Use with B18 bushing only
Item No
Colour
1
White
2
Black (Std)
3
Red
4
Orange
5
Yellow
6
Green
7
Blue
8
Brown
9
Gray
Plastic No. Colour :
TL2B25
TL1B25
T11
TA Plastic Black
T8
T9
T7
Dimensions : Inches (Millimetres)
Dimensions : Inches (Millimetres)
Dimensions : Inches (Millimetres)


Similar Description - 1M45T1B5M1QE

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
54-020 NTE-54-020 Datasheet
5Mb / 21P
   Toggle Switches
logo
List of Unclassifed Man...
9103A ETC2-9103A Datasheet
67Kb / 1P
   Toggle Switches
7580K6 ETC2-7580K6 Datasheet
1Mb / 35P
   Toggle Switches
logo
Carling Technologies
LT1561-130-012 CARLINGTECH-LT1561-130-012 Datasheet
812Kb / 2P
   Toggle Switches
IK251-73 CARLINGTECH-IK251-73 Datasheet
59Kb / 1P
   Toggle Switches
logo
List of Unclassifed Man...
7695K5 ETC2-7695K5 Datasheet
1Mb / 35P
   Toggle Switches
logo
NTE Electronics
54-001 NTE-54-001 Datasheet
5Mb / 21P
   Toggle Switches
logo
List of Unclassifed Man...
7105A ETC2-7105A Datasheet
79Kb / 1P
   toggle switches
logo
Copal Electronics
8-SERIES COPAL-8-SERIES Datasheet
1Mb / 10P
   Toggle Switches
logo
List of Unclassifed Man...
10TL020 ETC2-10TL020 Datasheet
142Kb / 1P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com