Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C503B-WAN-CAaDA232 Datasheet(PDF) 1 Page - Cree, Inc

Part # C503B-WAN-CAaDA232
Description  Cree 5mm Round LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C503B-WAN-CAaDA232 Datasheet(HTML) 1 Page - Cree, Inc

  C503B-WAN-CAaDA232 Datasheet HTML 1Page - Cree, Inc C503B-WAN-CAaDA232 Datasheet HTML 2Page - Cree, Inc C503B-WAN-CAaDA232 Datasheet HTML 3Page - Cree, Inc C503B-WAN-CAaDA232 Datasheet HTML 4Page - Cree, Inc C503B-WAN-CAaDA232 Datasheet HTML 5Page - Cree, Inc C503B-WAN-CAaDA232 Datasheet HTML 6Page - Cree, Inc C503B-WAN-CAaDA232 Datasheet HTML 7Page - Cree, Inc C503B-WAN-CAaDA232 Datasheet HTML 8Page - Cree, Inc C503B-WAN-CAaDA232 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRODUCT FAMILY DATA SHEET
Cree® 5mm Round LED
C503B-WAN
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
PRODUCT DESCRIPTION
Round LEDs offer superior light out-
put for excellent readability in sun-
light and dependable performance.
They provide extremely stable light
output over long periods of time.
These lamps are made with an
advanced optical grade epoxy
offering superior high temperature
and high moisture resistance
performance in lighting and
illumination applications.
FEATURES
• Size (mm): 5
• Color Temperatures(K):
Cool White :
Min . (4600) / Typical (9000)
• Luminous Intensity (mcd)
C503B-WAN (16800-39500)
• Viewing angle: 15 degree
• Lead-Free
• RoHS Compliant
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
APPLICATIONS
• Torch
• Light Strip
• Channel Letter
• Retail Display Lighting


Similar Part No. - C503B-WAN-CAaDA232

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C503B-WAN-CABBB151 CREE-C503B-WAN-CABBB151 Datasheet
670Kb / 9P
   5mm Round LED Luminous Intensity
C503B-WAN-CABBB231 CREE-C503B-WAN-CABBB231 Datasheet
670Kb / 9P
   5mm Round LED Luminous Intensity
More results

Similar Description - C503B-WAN-CAaDA232

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C512A-WNS-CZ0B0151 CREE-C512A-WNS-CZ0B0151 Datasheet
979Kb / 10P
   Cree 5mm Round LED
C503B-AAS-CA0C0251-015 CREE-C503B-AAS-CA0C0251-015 Datasheet
815Kb / 9P
   Cree 5mm Amber Round LED
C512A-WNS CREE-C512A-WNS Datasheet
929Kb / 13P
   Cree 5-mm Round LED
logo
Marktech Corporate
C512A MARKTECH-C512A Datasheet
979Kb / 10P
   5mm Round LED
logo
Cree, Inc
C535A-WJN CREE-C535A-WJN Datasheet
339Kb / 7P
   5mm Round LED
C535A-WJN-877 CREE-C535A-WJN-877 Datasheet
849Kb / 13P
   5mm Round LED
logo
Marktech Corporate
C503B_WAN MARKTECH-C503B_WAN Datasheet
1Mb / 10P
   5mm Round LED
C503B_WAN MARKTECH-C503B_WAN_15 Datasheet
1Mb / 10P
   5mm Round LED
C535A MARKTECH-C535A_15 Datasheet
509Kb / 9P
   5mm Round LED
logo
Cree, Inc
C503D-WAN CREE-C503D-WAN Datasheet
701Kb / 9P
   5mm Round LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com