Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C503B-ACN-CY0Z0251-030 Datasheet(PDF) 7 Page - Cree, Inc

Part # C503B-ACN-CY0Z0251-030
Description  Cree 5mm Amber Round LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C503B-ACN-CY0Z0251-030 Datasheet(HTML) 7 Page - Cree, Inc

  C503B-ACN-CY0Z0251-030 Datasheet HTML 1Page - Cree, Inc C503B-ACN-CY0Z0251-030 Datasheet HTML 2Page - Cree, Inc C503B-ACN-CY0Z0251-030 Datasheet HTML 3Page - Cree, Inc C503B-ACN-CY0Z0251-030 Datasheet HTML 4Page - Cree, Inc C503B-ACN-CY0Z0251-030 Datasheet HTML 5Page - Cree, Inc C503B-ACN-CY0Z0251-030 Datasheet HTML 6Page - Cree, Inc C503B-ACN-CY0Z0251-030 Datasheet HTML 7Page - Cree, Inc C503B-ACN-CY0Z0251-030 Datasheet HTML 8Page - Cree, Inc C503B-ACN-CY0Z0251-030 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
CLD-CT1213.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Mechanical Dimensions
All dimensions are in mm. Tolerance is ±0.25 mm unless otherwise noted.
An epoxy meniscus may extend about 1.5 mm down the leads.
Burr around bottom of epoxy may be 0.5 mm max.
C503B-AAS-015:
C503B-ACS-030:
C503B-AAN-015:
Notes
RoHS Compliance
The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or
otherwise restricted materials in this product are below the maximum concentration values (also referred to as the
threshold limits) permitted for such substances, or are used in an exempted application, in accordance with EU Direc-
tive 2002/95/EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment
(RoHS), as amended through April 21, 2006.
Vision Advisory Claim
Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye.
C503B-ACN-030:


Similar Part No. - C503B-ACN-CY0Z0251-030

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C503B-ACN-CW0X0341 MARKTECH-C503B-ACN-CW0X0341 Datasheet
815Kb / 13P
   Cree짰 5-mm Red and Amber Round LEDs
C503B-ACN-CW0X0342 MARKTECH-C503B-ACN-CW0X0342 Datasheet
815Kb / 13P
   Cree짰 5-mm Red and Amber Round LEDs
C503B-ACN-CW0Y0251 MARKTECH-C503B-ACN-CW0Y0251 Datasheet
815Kb / 13P
   Cree짰 5-mm Red and Amber Round LEDs
C503B-ACN-CW0Y0252 MARKTECH-C503B-ACN-CW0Y0252 Datasheet
815Kb / 13P
   Cree짰 5-mm Red and Amber Round LEDs
C503B-ACN-CX0Y0341 MARKTECH-C503B-ACN-CX0Y0341 Datasheet
815Kb / 13P
   Cree짰 5-mm Red and Amber Round LEDs
More results

Similar Description - C503B-ACN-CY0Z0251-030

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C503B-AAS MARKTECH-C503B-AAS Datasheet
815Kb / 9P
   5mm Amber Round LED
logo
Cree, Inc
C512A-WNS-CZ0B0151 CREE-C512A-WNS-CZ0B0151 Datasheet
979Kb / 10P
   Cree 5mm Round LED
logo
Marktech Corporate
C503B-AAS MARKTECH-C503B-AAS_15 Datasheet
815Kb / 9P
   5mm Amber Round LED
logo
Cree, Inc
C503B-WAN-CBADA151 CREE-C503B-WAN-CBADA151 Datasheet
1Mb / 10P
   Cree 5mm Round LED
C503C-RCS CREE-C503C-RCS Datasheet
950Kb / 9P
   Cree 5-mm Red and Amber Round LED
logo
P-tec Corporation
PL16-CDA02 P-TEC-PL16-CDA02 Datasheet
30Kb / 1P
   5MM T1쩐 Amber LED
logo
Lucky Light Electronic
LL-503AD2E-A1 LUCKY-LIGHT-LL-503AD2E-A1 Datasheet
137Kb / 7P
   5mm Round With Flange Type Amber LED Technical Data Sheet
logo
LUMEX INC.
SSL-LX507F3AD LUMEX-SSL-LX507F3AD Datasheet
51Kb / 1P
   T-5mm 605mm AMBER LED
logo
Marktech Corporate
LO568RGY2-80Q-A MARKTECH-LO568RGY2-80Q-A Datasheet
25Kb / 2P
   5mm Oval Green/Amber LED
logo
Cree, Inc
C512A-WNS CREE-C512A-WNS Datasheet
929Kb / 13P
   Cree 5-mm Round LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com