Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A29010-70 Datasheet(PDF) 2 Page - AMIC Technology

Part # A29010-70
Description  128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29010-70 Datasheet(HTML) 2 Page - AMIC Technology

  A29010-70 Datasheet HTML 1Page - AMIC Technology A29010-70 Datasheet HTML 2Page - AMIC Technology A29010-70 Datasheet HTML 3Page - AMIC Technology A29010-70 Datasheet HTML 4Page - AMIC Technology A29010-70 Datasheet HTML 5Page - AMIC Technology A29010-70 Datasheet HTML 6Page - AMIC Technology A29010-70 Datasheet HTML 7Page - AMIC Technology A29010-70 Datasheet HTML 8Page - AMIC Technology A29010-70 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
A29010 Series
PRELIMINARY
(August, 2001, Version 0.3)
2
AMIC Technology, Inc.
The host system can detect whether a program or erase
operation is complete by reading the I/O7 ( Data Polling) and
I/O6 (toggle) status bits. After a program or erase cycle has
been completed, the device is ready to read array data or
accept another command.
The sector erase architecture allows memory sectors to be
erased
and
reprogrammed
without
affecting
the
data
contents of other sectors. The A29010 is fully erased when
shipped from the factory.
The hardware sector protection feature disables operations
for both program and erase in any combination of the
Pin Configurations
sectors of memory. This can be achieved via programming
equipment.
The Erase Suspend feature enables the user to put erase on
hold for any period of time to read data from, or program data
to, any other sector that is not selected for erasure. True
background erase can thus be achieved.
Power consumption is greatly reduced when the device is
placed in the standby mode.
n DIP
n PLCC
NC
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
I/O3
VSS
I/O4
I/O5
I/O6
I/O7
CE
A10
OE
A9
A8
A13
WE
NC
A14
VCC
A11
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
21
22
23
24
25
26
27
28
29
12
13
11
8
9
5
7
6
CE
I/O7
A10
A29010L
OE
A11
A9
A8
A13
A14
10
n TSOP (Forward type)
A29010V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A9
A8
A13
A14
NC
WE
VCC
A16
A15
A12
A7
A6
A5
A4
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A3
A2
A1
A0
I/O0
I/O1
I/O2
VSS
I/O3
I/O4
I/O5
I/O6
I/O7
CE
A10
OE
A11
NC


Similar Part No. - A29010-70

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29010-70F AMICC-A29010-70F Datasheet
347Kb / 29P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results

Similar Description - A29010-70

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29010B AMICC-A29010B Datasheet
351Kb / 30P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29010V-70F AMICC-A29010V-70F Datasheet
347Kb / 29P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Alliance Semiconductor ...
AS29CF010-55CCIN ALSC-AS29CF010-55CCIN Datasheet
600Kb / 28P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
AMIC Technology
A29512A AMICC-A29512A Datasheet
293Kb / 31P
   64K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29512 AMICC-A29512 Datasheet
293Kb / 31P
   64K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040B AMICC-A29040B Datasheet
392Kb / 29P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040D AMICC-A29040D Datasheet
392Kb / 29P
   512K X 8 Bit CMOS 5.0 Volt-only,Uniform Sector Flash Memory
A29040A AMICC-A29040A Datasheet
285Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040 AMICC-A29040 Datasheet
288Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29001B AMICC-A29001B Datasheet
387Kb / 33P
   128K X 8 Bit CMOS 5.0 Volt-only,Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com