Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C527XT290-0111-A Datasheet(PDF) 2 Page - Cree, Inc

Part # C527XT290-0111-A
Description  XThin LEDs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C527XT290-0111-A Datasheet(HTML) 2 Page - Cree, Inc

  C527XT290-0111-A Datasheet HTML 1Page - Cree, Inc C527XT290-0111-A Datasheet HTML 2Page - Cree, Inc C527XT290-0111-A Datasheet HTML 3Page - Cree, Inc C527XT290-0111-A Datasheet HTML 4Page - Cree, Inc C527XT290-0111-A Datasheet HTML 5Page - Cree, Inc C527XT290-0111-A Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Copyright © 2003-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree,
the Cree logo, G•SiC, XThin and XBright are registered trademarks, and XT, XT-12, XT-16, XT-18, XT-21 and XT-24 are trademarks
of Cree, Inc.
2
CPR3BV Rev. H
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Maximum Ratings at T
A = 25°C
Notes &3
CxxxXT290-Sxx00-A
DC Forward Current
30mA
Peak Forward Current (1/10 duty cycle @ 1kHz)
100mA
LED Junction Temperature
125°C
Reverse Voltage
5 V
Operating Temperature Range
-40°C to +100°C
Storage Temperature Range
-40°C to +100°C
Electrostatic Discharge Threshold (HBM)Note 2
1000V
Electrostatic Discharge Classification (MIL-STD-883E)Note 2
Class 2
Typical Electrical/Optical Characteristics at T = 25°C, If = 20mA Note 3
Part Number
Forward Voltage (V
f, V)
Reverse Current
[I(Vr=5V), μA]
Full Width Half Max
(
λ
D, nm)
Min.
Typ.
Max.
Max.
Typ.
C460XT290-Sxx00-A
2.7
3.2
3.7
2
21
C470XT290-Sxx00-A
2.7
3.2
3.7
2
22
C505XT290-S0100-A
2.7
3.2
3.7
2
30
C527XT290-S0100-A
2.7
3.2
3.7
2
35
Mechanical Specifications
CxxxXT290-Sxx00-A
Description
Dimension
Tolerance
P-N Junction Area (μm)
250 x 250
± 25
Top Area (μm)
200 x 200
± 25
Bottom Area (μm)
300 x 300
± 25
Chip Thickness (μm)
115
± 15
Au Bond Pad Diameter (μm)
105
-5, +15
Au Bond Pad Thickness (μm)
1.2
± 0.5
Back Contact Metal Area (μm)
210 x 210
± 25
Back Contact Metal Thickness (μm) (Au/Sn)Note 4
1.7
± 0.3
Notes:
Maximum ratings are package dependent. The above ratings were determined using a T-1 3/4 package (with Hysol OS4000
epoxy) for characterization. Ratings for other packages may differ. The forward currents (DC and Peak) are not limited by the die
but by the effect of the LED junction temperature on the package. The junction temperature limit of 125°C is a limit of the T-1
3/4 package; junction temperature should be characterized in a specific package to determine limitations. Assembly processing
temperature must not exceed 325°C (< 5 seconds). See Cree Xthin Applications Note for more assembly process information.
Product resistance to electrostatic discharge (ESD) according to the HBM is measured by simulating ESD using a rapid avalanche
energy test (RAET). The RAET procedures are designed to approximate the maximum ESD ratings shown. The RAET procedure is
performed on each die. The ESD classification of Class 2 is based on sample testing according to MIL-STD-883E.
All products conform to the listed minimum and maximum specifications for electrical and optical characteristics when assembled
and operated at 20 mA within the maximum ratings shown above. Efficiency decreases at higher currents. Typical values given
are within the range of average values expected by manufacturer in large quantities and are provided for information only. All
measurements were made using lamps in T-1 3/4 packages (with Hysol OS4000 epoxy). Optical characteristics measured in an
integrating sphere using Illuminance E.
Back contact metal is 80%/20% Au/Sn by weight, with target eutectic melting temperature of approximately 282°C. See XBright®
Applications Note for detailed packaging recommendations.
Caution: To avoid leakage currents and achieve maximum output efficiency, die attach material must not contact the side of the
chip. See Cree XBright Applications Note for more information.
XThin chips are shipped with the junction side down, not requiring a die transfer prior to die attach.
Specifications are subject to change without notice.
1.
2.
3.
4.
5.
6.
7.


Similar Part No. - C527XT290-0111-A

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C527XT290-S0100-A CREE-C527XT290-S0100-A Datasheet
256Kb / 6P
   XThin짰 LEDs
C527XT290-S0100-A CREE-C527XT290-S0100-A Datasheet
258Kb / 6P
   XThin짰 LEDs
C527XT290-S0100-A CREE-C527XT290-S0100-A Datasheet
238Kb / 6P
   Low Forward Voltage - 3.2 Typical at 20 mA
More results

Similar Description - C527XT290-0111-A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TR2227 MARKTECH-TR2227 Datasheet
389Kb / 5P
   LEDs
TR5050M MARKTECH-TR5050M Datasheet
375Kb / 5P
   LEDs
CPR3DK MARKTECH-CPR3DK Datasheet
340Kb / 6P
   LEDs
CPR3DK MARKTECH-CPR3DK_15 Datasheet
340Kb / 6P
   LEDs
TR5270 MARKTECH-TR5270_15 Datasheet
672Kb / 6P
   LEDs
UT230-80 MARKTECH-UT230-80_15 Datasheet
269Kb / 4P
   LEDs
RT290-5 MARKTECH-RT290-5 Datasheet
229Kb / 4P
   LEDs
TR3547 MARKTECH-TR3547 Datasheet
449Kb / 5P
   LEDs
DA3547 MARKTECH-DA3547_15 Datasheet
403Kb / 5P
   LEDs
UT230-80 MARKTECH-UT230-80 Datasheet
269Kb / 4P
   LEDs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com