Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8841OEHA Datasheet(PDF) 6 Page - Analog Microelectronics

Part # AME8841OEHA
Description  600mA CMOS LDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8841OEHA Datasheet(HTML) 6 Page - Analog Microelectronics

Back Button AME8841OEHA Datasheet HTML 2Page - Analog Microelectronics AME8841OEHA Datasheet HTML 3Page - Analog Microelectronics AME8841OEHA Datasheet HTML 4Page - Analog Microelectronics AME8841OEHA Datasheet HTML 5Page - Analog Microelectronics AME8841OEHA Datasheet HTML 6Page - Analog Microelectronics AME8841OEHA Datasheet HTML 7Page - Analog Microelectronics AME8841OEHA Datasheet HTML 8Page - Analog Microelectronics AME8841OEHA Datasheet HTML 9Page - Analog Microelectronics AME8841OEHA Datasheet HTML 10Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Analog Microelectronics, Inc.
6
600mA CMOS LDO
AME8841
Load Step ( 1mA-600mA)
TIME ( 20mS/DIV)
I
Load
Output
C
L =2.2 µF
CIN=2.2
µF
0
0
0.05
0.1
0.15
0.2
0.25
0.3
2
2.5
3
3.5
4
4.5
5
5.5
I
LOAD=600mA
Drop Out Voltage vs. Output Voltage
Output Voltage (V)
0
5
10
15
20
25
30
35
40
45
0123
45678
Ground Current vs. Input Voltage
Input Voltage (V)
85O C
25O C
-80
-70
-60
-50
-40
-30
-20
-10
0
1.0E+01
1.0E+03
1.0E+05
1.0E+07
Power Supply Rejection Ratio
Frequency (Hz)
100mA
10mA
1mA
100
µA
100mA
100
µA
C
L=2.2 µF Tantalum
C
BYP =0
10
100
600
0.1
1.0
8.0
Safe Operating Area
Input-Output Voltage Differential (V)
8807AEHA
8841AEHA


Similar Part No. - AME8841OEHA

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8841OEHA AME-AME8841OEHA Datasheet
155Kb / 14P
   600mA CMOS LDO
AME8841OEHAZ AME-AME8841OEHAZ Datasheet
155Kb / 14P
   600mA CMOS LDO
AME8841OEHAZ AME-AME8841OEHAZ Datasheet
201Kb / 14P
   600mA CMOS LDO
More results

Similar Description - AME8841OEHA

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
   600mA CMOS LDO
AME8805 AME-AME8805_12 Datasheet
188Kb / 17P
   600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
   600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
   600mA CMOS LDO
AME8806 AME-AME8806 Datasheet
89Kb / 12P
   600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
   600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8807 AME-AME8807_07 Datasheet
188Kb / 15P
   600mA CMOS LDO
AME8850 AME-AME8850 Datasheet
196Kb / 19P
   600mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com