Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVZ25DN511KBS Datasheet(PDF) 11 Page - World Produts Inc.

Part # TVZ25DN511KBS
Description  Thermally Protectected Varistors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

TVZ25DN511KBS Datasheet(HTML) 11 Page - World Produts Inc.

Back Button TVZ25DN511KBS Datasheet HTML 7Page - World Produts Inc. TVZ25DN511KBS Datasheet HTML 8Page - World Produts Inc. TVZ25DN511KBS Datasheet HTML 9Page - World Produts Inc. TVZ25DN511KBS Datasheet HTML 10Page - World Produts Inc. TVZ25DN511KBS Datasheet HTML 11Page - World Produts Inc. TVZ25DN511KBS Datasheet HTML 12Page - World Produts Inc. TVZ25DN511KBS Datasheet HTML 13Page - World Produts Inc. TVZ25DN511KBS Datasheet HTML 14Page - World Produts Inc. TVZ25DN511KBS Datasheet HTML 15Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Thermally ProTecTecTed VarisTors
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 12.3
Thermally Protected Varistors | 9
Thermal Link Configuration and Dimensions (continued)
34mm
2-Leaded
Unit: mm
Varistor Type
T max (mm)
S (mm)
111K
11.9
2.8 ± 0.65
131K
12.2
2.9 ± 0.65
141K
12.3
3.0 ± 0.85
151K
12.4
3.1 ± 0.85
181K
12.8
3.4 ± 0.85
201K
13.0
3.6 ± 0.85
251K
12.8
4.0 ± 0.85
271K
13.0
4.3 ± 0.85
301K
13.3
4.5 ± 1.0
321K
13.5
4.7 ± 1.0
331K
13.6
4.8 ± 1.0
351K
13.8
5.0 ± 1.0
391K
14.2
5.4 ± 1.0
421K
14.5
5.7 ± 1.0
461K
14.8
5.9 ± 1.0
481K
15.0
6.1 ± 1.0
511K
15.4
6.6 ± 1.0
551K
15.6
6.8 ± 1.0
571K
15.9
7.1 ± 1.0
621K
16.4
7.5 ± 1.0
661K
16.9
7.9 ± 1.0
681K
17.2
8.2 ± 1.0
751K
17.8
8.8 ± 1.0
0.51mm ± 0.1
1.4mm ± 0.1
4mm ± 0.5
T
37mm MAX
47.5mm MAX
7.0mm ± 0.1
25.4mm ± 1
S
MOV
TF
(Thermal Fuse Element)


Similar Description - TVZ25DN511KBS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV34S111MP LITTELFUSE-TMOV34S111MP Datasheet
994Kb / 8P
   Industrial High Energy Thermally Protected Varistors > TMOV짰34S Series
EC635 LITTELFUSE-EC635 Datasheet
325Kb / 4P
   Designing with thermally protected TMOV Varistors in TVSS Applications
LST3205VL2NT1 LITTELFUSE-LST3205VL2NT1 Datasheet
559Kb / 4P
   Metal Oxide Varistors (MOVs) LST Varistor Series > SPD Thermally Protected Varistor
Revised: 02/18/21
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
logo
List of Unclassifed Man...
2232592 ETC2-2232592 Datasheet
172Kb / 23P
   Varistors
logo
Vishay Siliconix
2322592 VISHAY-2322592 Datasheet
269Kb / 18P
   Varistors
Revision: 28-Apr-04
logo
Semikron International
SKVC20A460C SEMIKRON-SKVC20A460C Datasheet
149Kb / 2P
   VARISTORS
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
SIOV-CT0603M4G EPCOS-SIOV-CT0603M4G Datasheet
131Kb / 15P
   SMD Varistors
logo
Panasonic Semiconductor
EZJPZV6R8GANIL PANASONIC-EZJPZV6R8GANIL Datasheet
452Kb / 13P
   Multilayer Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com