Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8812KEEV Datasheet(PDF) 7 Page - Analog Microelectronics

Part # AME8812KEEV
Description  300mA CMOS LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8812KEEV Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AME8812KEEV Datasheet HTML 3Page - Analog Microelectronics AME8812KEEV Datasheet HTML 4Page - Analog Microelectronics AME8812KEEV Datasheet HTML 5Page - Analog Microelectronics AME8812KEEV Datasheet HTML 6Page - Analog Microelectronics AME8812KEEV Datasheet HTML 7Page - Analog Microelectronics AME8812KEEV Datasheet HTML 8Page - Analog Microelectronics AME8812KEEV Datasheet HTML 9Page - Analog Microelectronics AME8812KEEV Datasheet HTML 10Page - Analog Microelectronics AME8812KEEV Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Analog Microelectronics, Inc.
7
AME8801/8812/8840
300mA CMOS LDO
n
n
n
n
n Detailed Description
The AME8801/8840 family of CMOS regulators contain
a PMOS pass transistor, voltage reference, error ampli-
fier, over-current protection, and thermal shutdown.
The P-channel pass transistor receives data from the
error amplifier, over-current shutdown, and thermal pro-
tection circuits. During normal operation, the error am-
plifier compares the output voltage to a precision refer-
ence. Over-current and Thermal shutdown circuits be-
come active when the junction temperature exceeds
150oC, or the current exceeds 300mA. During thermal
shutdown, the output voltage remains low. Normal op-
eration is restored when the junction temperature drops
below 120oC.
The AME8801/8840 switches from voltage mode to cur-
rent mode when the load exceeds the rated output cur-
rent. This prevents over-stress. The AME8801/8840
also incorporates current foldback to reduce power dis-
sipation when the output is short circuited. This feature
becomes active when the output drops below 0.8volts,
and reduces the current flow by 65%. Full current is
restored when the voltage exceeds 0.8 volts.
A third capacitor can be connected between the BY-
PASS pin and GND. This capacitor can be a low cost
Polyester Film variety between the value of 0.001 ~
0.01
µF. A larger capacitor improves the AC ripple re-
jection, but also makes the output come up slowly. This
"Soft" turn-on is desirable in some applications to limit
turn-on surges.
All capacitors should be placed in close proximity to
the pins. A "Quiet" ground termination is desirable.
This can be achieved with a "Star" connection.
n
n
n
n
n Enable
The Enable pin normally floats high. When actively,
pulled low, the PMOS pass transistor shuts off, and all
internal circuits are powered down. In this state, the
quiescent current is less than 1
µA. This pin behaves
much like an electronic switch.
n
n
n
n
n External Capacitors
The AME8801/8840 is stable with an output capacitor to
ground of 2.2
µF or greater. Ceramic capacitors have
the lowest ESR, and will offer the best AC performance.
Conversely, Aluminum Electrolytic capacitors exhibit
the highest ESR, resulting in the poorest AC response.
Unfortunately, large value ceramic capacitors are com-
paratively expensive. One option is to parallel a 0.1
µF
ceramic capacitor with a 10
µF Aluminum Electrolytic.
The benefit is low ESR, high capacitance, and low over-
all cost.
A second capacitor is recommended between the input
and ground to stabilize Vin. The input capacitor should
be at least 0.1
µF to have a beneficial effect.


Similar Part No. - AME8812KEEV

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8810 AME-AME8810 Datasheet
88Kb / 11P
   600mA CMOS LDO
AME8810 AME-AME8810 Datasheet
180Kb / 12P
   600mA CMOS LDO
AME8810 AME-AME8810 Datasheet
134Kb / 12P
   600mA CMOS LDO
AME88101EGTZ AME-AME88101EGTZ Datasheet
134Kb / 12P
   600mA CMOS LDO
AME88102EGTZ AME-AME88102EGTZ Datasheet
134Kb / 12P
   600mA CMOS LDO
More results

Similar Description - AME8812KEEV

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com