Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A29DL324UV-90 Datasheet(PDF) 5 Page - AMIC Technology

Part # A29DL324UV-90
Description  32M-Bit CMOS Low Voltage Dual Operation Flash Memory 4M-Byte by 8-Bit (Byte Mode) / 2M-Word by 16-Bit (Word Mode)
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29DL324UV-90 Datasheet(HTML) 5 Page - AMIC Technology

  A29DL324UV-90 Datasheet HTML 1Page - AMIC Technology A29DL324UV-90 Datasheet HTML 2Page - AMIC Technology A29DL324UV-90 Datasheet HTML 3Page - AMIC Technology A29DL324UV-90 Datasheet HTML 4Page - AMIC Technology A29DL324UV-90 Datasheet HTML 5Page - AMIC Technology A29DL324UV-90 Datasheet HTML 6Page - AMIC Technology A29DL324UV-90 Datasheet HTML 7Page - AMIC Technology A29DL324UV-90 Datasheet HTML 8Page - AMIC Technology A29DL324UV-90 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
A29DL324 Series
PRELIMINARY
(May, 2002, Version 0.0)
5
AMIC Technology, Inc.
Absolute Maximum Ratings*
Storage Temperature (Tstg) . . . . . . . . . . -55
°C to + 125°C
Operating Ambient Temperature (TA) . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40
°C to + 85°C
Input / Output Voltage with Respect to GND
WP (ACC),
RESET . . . . . . . . . . . . -0.5V
Note1 to 13.0V
All Pins except
WP (ACC), RESET . . . . . . . . . . . . . . .
. . . . . . . . . . . . . -0.5V
Note1 to VCC + 0.4 (4.0V max.) Note2
Supply Voltage with Respect to GND (VCC)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 4.0V
Notes:
1.
-2.0V (Min.) (Pulse width
≤ 20ns)
2.
VCC + 0.5V (Max.) (Pulse width
≤ 20ns)
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of
this device at these or any other conditions above
those indicated in the operational sections of these
specification is not implied or intended. Exposure to
the absolute maximum rating conditions for extended
periods may affect device reliability.
Recommended Operating Conditions
Operating Ambient Temperature (TA) . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40
°C to +85°C
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . +2.7V to +3.6V
Bus Operations
The following table shows the operation modes of the dual
operation flash memory. Before turning on power, input
GND
± 0.2 V to the RESET until VCC ≥ VCC (min.).
Table 1. A29DL324 Bus Operations
Operation
CE
OE
WE
I/O15,
A-1
A6
A1
A0
I/O0 to
I/O7
I/O8 to
I/O15
RESET
WP
(ACC)
BYTE mode
L
L
H
A-1
Address input
Data output
Hi-Z
H
X
Read (Note)
WORD mode
L
L
H
X
Address input
Data output
H
X
Write
BYTE mode
L
H
L
A-1
Address input
Data input
Hi-Z
H
Note3
WORD mode
L
H
L
X
Address input
Data input
H
Note3
Standby
H
X
X
X
X
X
X
Hi-Z
Hi-Z
H
X
Hardware reset / Standby
X
X
X
X
X
X
X
Hi-Z
Hi-Z
L
X
Output Disable
L
H
H
X
X
X
X
Hi-Z
Hi-Z
H
X
Temporary Sector Group Unprotect
X
X
X
X
X
X
X
Hi-Z or
Data input / output
VID
Note3
BYTE mode
L
L
H
A-1
Address input
Data output
Hi-Z
H
X
Automatic Sleep
Mode
WORD mode
L
L
H
X
Address input
Data output
H
X
Boot Block Sector Protect
X
X
X
X
X
X
X
Hi-Z or
Data input / output
X
L
BYTE mode
L
H
L
A-1
Address input
Data input
Hi-Z
H
VACC
Accelerated Mode
WORD mode
L
H
L
X
Address input
Data input
H
VACC
Note: When OE = VIL, VIL can be applied to WE . When OE = VIH, a write operation is started.
Remarks: 1. H : VIH, L : VIL, : VIH or VIL, VID : 11.5 V to 12.5 V, VACC : 8.5 V to 9.5 V
2. If an address is held longer than the minimum read cycle time (tRC), the automatic sleep mode is set.
3. If
WP (ACC)=VIL, sector 0,1,140, and 141 remain protected. If WP (ACC)=VIH, protection on sectors 0,1,140, and 141
depends on whether they were last protected or unprotected using the method described in “Sector/Sector Block
Protection and Unprotection”. If
WP (ACC)=VHH, all sectors will be unprotected.


Similar Part No. - A29DL324UV-90

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29DL324UV-90 AMICC-A29DL324UV-90 Datasheet
771Kb / 50P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results

Similar Description - A29DL324UV-90

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29DL323 AMICC-A29DL323 Datasheet
496Kb / 46P
   32M-Bit CMOS Low Voltage Dual Operation Flash Memory 4M-Byte by 8-Bit (Byte Mode) / 2M-Word by 16-Bit (Word Mode)
logo
NEC
UPD23C32000AL NEC-UPD23C32000AL Datasheet
259Kb / 20P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE)
UPD23C32300 NEC-UPD23C32300 Datasheet
241Kb / 16P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE)
UPD23C32340 NEC-UPD23C32340 Datasheet
288Kb / 20P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C32040AL NEC-UPD23C32040AL Datasheet
313Kb / 24P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD29F064115-X NEC-UPD29F064115-X Datasheet
251Kb / 32P
   64M-BIT CMOS LOW-VOLTAGE DUAL OPERATION FLASH MEMORY 4M-WORD BY 16-BIT (WORD MODE) PAGE MODE
UPD23C64300 NEC-UPD23C64300 Datasheet
221Kb / 16P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE)
UPD23C64000JL NEC-UPD23C64000JL Datasheet
255Kb / 20P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE)
UPD23C16000BL NEC-UPD23C16000BL Datasheet
347Kb / 20P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE)
UPD23C16300 NEC-UPD23C16300 Datasheet
242Kb / 16P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com