Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3AL1000P Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # B3AL1000P
Description  Long-stroke Tactile Switch (SMT)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3AL1000P Datasheet(HTML) 2 Page - Omron Electronics LLC

  B3AL1000P Datasheet HTML 1Page - Omron Electronics LLC B3AL1000P Datasheet HTML 2Page - Omron Electronics LLC B3AL1000P Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
B3AL
B3AL
Ratings / Characteristics
Model Structure
Dimensions (Unit: mm)
Note:
Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions. No terminal numbers are indicated on the Switches.
Ratings
1 to 50 mA at 5 to 16 VDC (resistive load)
Ambient operating temperature
-40
°C to +90°C at 60%RH max. (with no icing or condensation)
Ambient operating humidity
35% to 85% (at +5 to +35
°C)
Contact configuration
SPST-NO
Contact resistance
100 m
Ω max.
Insulation resistance
100 M
Ω min. (at 100 VDC)
Dielectric strength
250 VAC, 50/60 Hz for 1 min
Bounce time
5 ms max. (The center of the plunger is pressed at a speed of 3 or 4 times per second.)
Vibration resistance
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Destruction: 1,000 m/s2 max.
Malfunction: 100 m/s2 max.
Durability
1,000,000 operations min.
Weight
Approx. 0.18 g
Pushbutton
Plunger
Moving contact
Terminal (contact)
Base
4.9 dia.
PCB Pad
(Top View)
Terminal Arrangement/
Internal Connections
(Top View)
8
4
2
6.6
0.8
5
6.9 5.8
6
1.4


Similar Part No. - B3AL1000P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3AL OMRON-B3AL Datasheet
326Kb / 4P
   Long Stroke Tactile Switch
B3AL-1000P OMRON-B3AL-1000P Datasheet
326Kb / 4P
   Long Stroke Tactile Switch
B3AL-1001P OMRON-B3AL-1001P Datasheet
326Kb / 4P
   Long Stroke Tactile Switch
B3AL-1002P OMRON-B3AL-1002P Datasheet
326Kb / 4P
   Long Stroke Tactile Switch
B3AL-1003P OMRON-B3AL-1003P Datasheet
326Kb / 4P
   Long Stroke Tactile Switch
More results

Similar Description - B3AL1000P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3AL OMRON-B3AL Datasheet
326Kb / 4P
   Long Stroke Tactile Switch
B3SL1005P OMRON-B3SL1005P Datasheet
375Kb / 3P
   Middle-stroke Tactile Switch (SMT)
B3SL-1005P OMRON-B3SL-1005P Datasheet
375Kb / 3P
   Middle-stroke Tactile Switch (SMT)
B3SL OMRON-B3SL Datasheet
596Kb / 6P
   Middle Stroke Tactile Switch
logo
GREATECS
TP36 GREATECS-TP36 Datasheet
134Kb / 1P
   Long Travel SMT Tactile Switches
logo
Omron Electronics LLC
B3S1002P OMRON-B3S1002P Datasheet
244Kb / 3P
   Sealed Tactile Switch (SMT)
logo
GREATECS
TP25 GREATECS-TP25 Datasheet
172Kb / 1P
   3.8x6 mm SMT Tactile Switch
logo
Mitsumi Electronics, Co...
SOV MITSUMI-SOV Datasheet
126Kb / 2P
   Long-Life Tactile Switches
logo
Omron Electronics LLC
B3M OMRON-B3M Datasheet
261Kb / 4P
   Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
   Tactile Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com