Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32922C3473K289 Datasheet(PDF) 5 Page - EPCOS

Part # B32922C3473K289
Description  EMI Suppression Capacitors (MKP)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32922C3473K289 Datasheet(HTML) 5 Page - EPCOS

  B32922C3473K289 Datasheet HTML 1Page - EPCOS B32922C3473K289 Datasheet HTML 2Page - EPCOS B32922C3473K289 Datasheet HTML 3Page - EPCOS B32922C3473K289 Datasheet HTML 4Page - EPCOS B32922C3473K289 Datasheet HTML 5Page - EPCOS B32922C3473K289 Datasheet HTML 6Page - EPCOS B32922C3473K289 Datasheet HTML 7Page - EPCOS B32922C3473K289 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Ordering codes and packing units
Lead spacing
mm
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./unit
Reel
pcs./unit
Untaped
pcs./unit
x Preferred type
s Not for new design
For new design, please refer to the B3292xE/F data sheet.
Further intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
(Closer tolerances on request)
27.5
0.68
11.0
× 19.0 × 31.5 B32924C3684+***
350
320
1.0
11.0
× 19.0 × 31.5 B32924C3105+***
350
320
1.5
12.5
× 21.5 × 31.5 B32924C3155+*** x
300
280
2.2
14.0
× 24.5 × 31.5 B32924C3225+*** s
260
3.3
16.0
× 32.0 × 31.5 B32924D3335K*** s
220
3.3
18.0
× 27.5 × 31.5 B32924C3335M*** s
200
4.7
18.0
× 33.0 × 31.5 B32924C3475M*** s
200
4.7
21.0
× 31.0 × 31.5 B32924D3475K*** s
180
37.5
2.2
14.0
× 25.0 × 41.5 B32926C3225+*** s
115
3.3
16.0
× 28.5 × 41.5 B32926C3335+*** s
100
4.7
18.0
× 32.5 × 41.5 B32926C3475+*** s
90
6.8
20.0
× 39.5 × 41.5 B32926C3685+*** s
75
10.0
28.0
× 42.5 × 41.5 B32926C3106+*** s
55
B32921C/D ... B32926C/D
X2 / 305 VAC
Page 5 of 8
Please read Important notes
at the end of this document.


Similar Part No. - B32922C3473K289

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32922C3473K289 EPCOS-B32922C3473K289 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32922C3473K289 EPCOS-B32922C3473K289 Datasheet
356Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results

Similar Description - B32922C3473K289

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32023A3683M EPCOS-B32023A3683M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32921 TDK-B32921_16 Datasheet
648Kb / 24P
   EMI Suppression Capacitors (MKP)
logo
EPCOS
B32021A3222M EPCOS-B32021A3222M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
B32021A3472M EPCOS-B32021A3472M Datasheet
341Kb / 21P
   EMI Suppression Capacitors (MKP)
B32922C3334K189 EPCOS-B32922C3334K189 Datasheet
384Kb / 22P
   EMI Suppression Capacitors (MKP)
B81130C1103289 EPCOS-B81130C1103289 Datasheet
331Kb / 6P
   EMI Suppression Capacitors (MKP)
B32921CD EPCOS-B32921CD Datasheet
324Kb / 8P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B81123 TDK-B81123_16 Datasheet
333Kb / 19P
   EMI Suppression Capacitors (MKP)
logo
EPCOS
B32021A3222K EPCOS-B32021A3222K Datasheet
341Kb / 21P
   EMI Suppression Capacitors (MKP)
B32926E3335M EPCOS-B32926E3335M Datasheet
317Kb / 18P
   EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com