Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8815BEBT150 Datasheet(PDF) 10 Page - Analog Microelectronics

Part # AME8815BEBT150
Description  1.5A CMOS LDO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8815BEBT150 Datasheet(HTML) 10 Page - Analog Microelectronics

Back Button AME8815BEBT150 Datasheet HTML 6Page - Analog Microelectronics AME8815BEBT150 Datasheet HTML 7Page - Analog Microelectronics AME8815BEBT150 Datasheet HTML 8Page - Analog Microelectronics AME8815BEBT150 Datasheet HTML 9Page - Analog Microelectronics AME8815BEBT150 Datasheet HTML 10Page - Analog Microelectronics AME8815BEBT150 Datasheet HTML 11Page - Analog Microelectronics AME8815BEBT150 Datasheet HTML 12Page - Analog Microelectronics AME8815BEBT150 Datasheet HTML 13Page - Analog Microelectronics AME8815BEBT150 Datasheet HTML 14Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AME, Inc.
10
1.5A CMOS LDO
AME8815
n
n
n
n
n Detailed Description
The AME8815 family of CMOS regulators contain a
PMOS pass transistor, voltage reference, error ampli-
fier, over-current protection, and thermal shutdown.
The P-channel pass transistor receives data from the
error amplifier, over-current shutdown, and thermal pro-
tection circuits. During normal operation, the error am-
plifier compares the output voltage to a precision refer-
ence. Over-current and Thermal shutdown circuits be-
come active when the junction temperature exceeds
150oC, or the current exceeds 2.2A. During thermal shut-
down, the output voltage remains low. Normal operation
is restored when the junction temperature drops below
120oC.
The AME8815 behaves like a current source when the
load reaches 2.2A. However, if the load impedance
drops below 0.3 ohms, the current drops back to 600mA
to prevent excessive power dissipation. Normal op-
eration is restored when the load resistance exceeds
0.75 ohms.
n
n
n
n
n External Capacitors
The AME8815 is stable with an output capacitor to
ground of 4.7
µF or greater. Ceramic capacitors have the
lowest ESR, and will offer the best AC performance.
Conversely, Aluminum Electrolytic capacitors exhibit
the highest ESR, resulting in the poorest AC response.
Unfortunately, large value ceramic capacitors are com-
paratively expensive. One option is to parallel a 0.1
µF
ceramic capacitor with a 10
µF Aluminum Electrolytic.
The benefit is low ESR, high capacitance, and low over-
all cost.
A second capacitor is recommended between the input
and ground to stabilize Vin. The input capacitor should
be at least 0.1
µF to have a beneficial effect.
All capacitors should be placed in close proximity to
the pins. A "Quiet" ground termination is desirable.
This can be achieved with a "Star" connection.


Similar Part No. - AME8815BEBT150

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8815BEBT150Z AME-AME8815BEBT150Z Datasheet
254Kb / 28P
   1.5A CMOS LDO
More results

Similar Description - AME8815BEBT150

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8816 AME-AME8816 Datasheet
112Kb / 14P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_11 Datasheet
191Kb / 6P
   1.5A CMOS LDO
L11815B UTC-L11815B_10 Datasheet
161Kb / 6P
   1.5A CMOS LDO
L11815A UTC-L11815A_12 Datasheet
186Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8817 AME-AME8817 Datasheet
81Kb / 10P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815B UTC-L11815B Datasheet
167Kb / 6P
   1.5A CMOS LDO
L11815A UTC-L11815A_15 Datasheet
199Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8816 AME-AME8816_08 Datasheet
304Kb / 18P
   1.5A CMOS LDO
AME8865 AME-AME8865 Datasheet
471Kb / 25P
   1.5A CMOS LDO
AME8815 AME-AME8815_09 Datasheet
254Kb / 28P
   1.5A CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com