Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A29001TL-90 Datasheet(PDF) 6 Page - AMIC Technology

Part # A29001TL-90
Description  128K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29001TL-90 Datasheet(HTML) 6 Page - AMIC Technology

Back Button A29001TL-90 Datasheet HTML 2Page - AMIC Technology A29001TL-90 Datasheet HTML 3Page - AMIC Technology A29001TL-90 Datasheet HTML 4Page - AMIC Technology A29001TL-90 Datasheet HTML 5Page - AMIC Technology A29001TL-90 Datasheet HTML 6Page - AMIC Technology A29001TL-90 Datasheet HTML 7Page - AMIC Technology A29001TL-90 Datasheet HTML 8Page - AMIC Technology A29001TL-90 Datasheet HTML 9Page - AMIC Technology A29001TL-90 Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
A29001/A290011 Series
PRELIMINARY
(August, 2001, Version 0.3)
6
AMIC Technology, Inc.
Table 2. A29001/A290011 Top Boot Block Sector Address Table
Sector
A16
A15
A14
A13
A12
Sector Size
(Kbytes)
Address Range
SA0
0
0
X
X
X
32
00000h - 07FFFh
SA1
0
1
X
X
X
32
08000h - 0FFFFh
SA2
1
0
X
X
X
32
10000h - 17FFFh
SA3
1
1
0
X
X
16
18000h - 1BFFFh
SA4
1
1
1
0
0
4
1C000h - 1CFFFh
SA5
1
1
1
0
1
4
1D000h - 1DFFFh
SA6
1
1
1
1
X
8
1E000h - 1FFFFh
Table 3. A29001/A290011 Bottom Boot Block Sector Address Table
Sector
A16
A15
A14
A13
A12
Sector Size
(Kbytes)
Address Range
SA0
0
0
0
0
X
8
00000h - 01FFFh
SA1
0
0
0
1
0
4
02000h - 02FFFh
SA2
0
0
0
1
1
4
03000h - 03FFFh
SA3
0
0
1
X
X
16
04000h - 07FFFh
SA4
0
1
X
X
X
32
08000h - 0FFFFh
SA5
1
0
X
X
X
32
10000h - 17FFFh
SA6
1
1
X
X
X
32
18000h - 1FFFFh
Autoselect Mode
The autoselect mode provides manufacturer and device
identification, and sector protection verification, through
identifier codes output on I/O7 - I/O0. This mode is primarily
intended for programming equipment to automatically
match a device to be programmed with its corresponding
programming algorithm. However, the autoselect codes
can also be accessed in-system through the command
register.
When using programming equipment, the autoselect mode
requires VID (11.5V to 12.5 V) on address pinA9. Address
pins A6, A1, and AO must be as shown in Autoselect
Codes (High Voltage Method) table. In addition, when
verifying sector protection, the sector address must appear
on the appropriate highest order address bits. Refer to the
corresponding Sector Address Tables. The Command
Definitions table shows the remaining address bits that are
don't care. When all necessary bits have been set as
required, the programming equipment may then read the
corresponding identifier code on I/O7 - I/O0.To access the
autoselect codes in-system, the host system can issue the
autoselect command via the command register, as shown
in the Command Definitions table. This method does not
require VID. See "Command Definitions" for details on
using the autoselect mode.
Table 4. A29001/A290011 Autoselect Codes (High Voltage Method)
Description
A16 - A12
A11 - A10
A9
A8 - A7
A6
A5 - A2
A1
A0
Identifier Code on
I/O7 - I/O0
Manufacturer ID: AMIC
X
X
VID
X
VIL
X
VIL
VIL
37h
Device ID: A29001/
A290011
X
X
VID
X
VIL
X
VIL
VIH
Top Boot Block: A1h
Bottom Boot Block: 4Ch
0lh (protected)
Sector Protection
Verification
Sector
Address
X
VID
X
VIL
X
VIH
VIL
00h (unprotected)
Continuation ID
X
X
VID
X
VIL
X
VIH
VIH
7Fh
Note: CE =VIL, OE =VIL and WE =VIH when Autoselect Mode


Similar Part No. - A29001TL-90

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29001TL-90 AMICC-A29001TL-90 Datasheet
454Kb / 36P
   128K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29001TL-90F AMICC-A29001TL-90F Datasheet
454Kb / 36P
   128K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - A29001TL-90

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29001B AMICC-A29001B Datasheet
387Kb / 33P
   128K X 8 Bit CMOS 5.0 Volt-only,Boot Sector Flash Memory
A290011B AMICC-A290011B Datasheet
387Kb / 33P
   128K X 8 Bit CMOS 5.0 Volt-only,Boot Sector Flash Memory
A29001 AMICC-A29001_07 Datasheet
454Kb / 36P
   128K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29010B AMICC-A29010B Datasheet
351Kb / 30P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29010V-70F AMICC-A29010V-70F Datasheet
347Kb / 29P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29L001 AMICC-A29L001 Datasheet
401Kb / 35P
   128K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29002 AMICC-A29002 Datasheet
312Kb / 32P
   256K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
Alliance Semiconductor ...
AS29CF010-55CCIN ALSC-AS29CF010-55CCIN Datasheet
600Kb / 28P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
AMIC Technology
A29010 AMICC-A29010 Datasheet
288Kb / 30P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29400B AMICC-A29400B Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com