Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RE46C190 Datasheet(PDF) 1 Page - Microchip Technology

Part # RE46C190
Description  CMOS Low Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C190 Datasheet(HTML) 1 Page - Microchip Technology

  RE46C190 Datasheet HTML 1Page - Microchip Technology RE46C190 Datasheet HTML 2Page - Microchip Technology RE46C190 Datasheet HTML 3Page - Microchip Technology RE46C190 Datasheet HTML 4Page - Microchip Technology RE46C190 Datasheet HTML 5Page - Microchip Technology RE46C190 Datasheet HTML 6Page - Microchip Technology RE46C190 Datasheet HTML 7Page - Microchip Technology RE46C190 Datasheet HTML 8Page - Microchip Technology RE46C190 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
 2010 Microchip Technology Inc.
DS22271A-page 1
RE46C190
Features
• Two AA Battery Operation
• Internal Power On Reset
• Low Quiescent Current Consumption
• Available in 16L N SOIC
• Local Alarm Memory
• Interconnect up to 40 Detectors
• 9 Minute Timer for Sensitivity Control
• Temporal or Continuous Horn Pattern
• Internal Low Battery and Chamber Test
• All Internal Oscillator
• Internal Infrared Emitter Diode (IRED) driver
• Adjustable IRED Drive current
• Adjustable Hush Sensitivity
• 2% Low Battery Set Point
Description
The RE46C190 is a low power, low voltage CMOS
photoelectric type smoke detector IC. With minimal
external components, this circuit will provide all the
required features for a photoelectric-type smoke
detector.
The design incorporates a gain-selectable photo
amplifier for use with an infrared emitter/detector pair.
An internal oscillator strobes power to the smoke
detection circuitry every 10 seconds, to keep the
standby current to a minimum. If smoke is sensed, the
detection rate is increased to verify an Alarm condition.
A high gain mode is available for push button chamber
testing.
A check for a low battery condition is performed every
86 seconds, and chamber integrity is tested once every
43 seconds, when in Standby. The temporal horn pat-
tern supports the NFPA 72 emergency evacuation sig-
nal.
An interconnect pin allows multiple detectors to be
connected such that, when one unit alarms, all units will
sound.
An internal 9 minute timer can be used for a Reduced
Sensitivity mode.
Utilizing low power CMOS technology, the RE46C190
was designed for use in smoke detectors that comply
with Underwriters Laboratory Specification UL217 and
UL268.
PIN CONFIGURATION
RE46C190
SOIC
VSS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IRED
VDD
TEST
TEST2
IRP
IRN
RLED
LX
VBST
HS
HB
IO
IRCAP
FEED
GLED
CMOS Low Voltage Photoelectric Smoke Detector ASIC
with Interconnect and Timer Mode


Similar Part No. - RE46C190

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C190 MICROCHIP-RE46C190 Datasheet
408Kb / 42P
   CMOS Low Voltage Photoelectric Smoke Detector ASIC with Interconnect
2010
More results

Similar Description - RE46C190

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C195 MICROCHIP-RE46C195 Datasheet
2Mb / 39P
   CMOS Low-Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
Revision A March 2021
RE46C145 MICROCHIP-RE46C145 Datasheet
259Kb / 12P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C145 MICROCHIP-RE46C145_12 Datasheet
1Mb / 26P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
11/29/11
RE46C144 MICROCHIP-RE46C144_12 Datasheet
1Mb / 26P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
11/29/11
RE46C140 MICROCHIP-RE46C140 Datasheet
257Kb / 13P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C144 MICROCHIP-RE46C144 Datasheet
256Kb / 12P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C146 MICROCHIP-RE46C146 Datasheet
261Kb / 13P
   CMOS Photoelectric Smoke Detector ASIC with Intelligent Interconnect and Timer Mode
2009
RE46C165 MICROCHIP-RE46C165 Datasheet
453Kb / 30P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C190 MICROCHIP-RE46C190 Datasheet
408Kb / 42P
   CMOS Low Voltage Photoelectric Smoke Detector ASIC with Interconnect
2010
RE46C122 MICROCHIP-RE46C122 Datasheet
238Kb / 10P
   CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com