Electronic Components Datasheet Search |
|
EV22D130KP Datasheet(PDF) 9 Page - World Produts Inc. |
|
EV22D130KP Datasheet(HTML) 9 Page - World Produts Inc. |
9 / 59 page Metal Oxide VaristOrs - eV series WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com Rev. 3.1 Metal Oxide Varistors - EV Series | 7 Wire Lead Parts (Standard Epoxy) (9) Disk Size A max D max S W nom C L (min) Dimension E max & a mm mm in mm in mm ± 1 in ± .04 mm ± .02 in ± .001 mm in mm in 5 9 0.4 7 0.28 5 0.20 0.6 0.024 1.6 ± 0.4 0.06 ± 0.016 25/.98 Please see “E” Maximum Thick- ness and Off-set “a” Dimension by Part Number. 7 11 0.4 9 0.35 5 0.20 0.6 0.024 1.6 ± 0.4 0.06 ± 0.016 10 15.5 0.6 12.5 0.49 7.5 0.30 0.8 0.031 1.6 ± 0.4 0.06 ± 0.016 14 20 0.8 16.5 0.65 7.5 0.30 0.8 0.031 1.6 ± 0.4 0.06 ± 0.016 20 26 1.0 23 0.91 7.5 0.30 0.8 0.031 2.05 ± 0.4 0.08 ± 0.016 20(3) 26 1.0 23 0.91 10 0.39 1.0 0.039 2.05 ± 0.4 0.08 ± 0.016 22 28 1.1 28 1.1 11.25 .44 1.0 ± .1 .039 ± .004 N/A N/A Tab Lead Parts (Standard Epoxy) (9) Disk Size A max D max S W nom C Dimension E max & a mm mm in mm in mm ± 1 in ± .039 mm ± 0.2 in ± .008 mm in 22 28 1.1 28 1.1 22 0.87 4 0.16 N/A N/A Please see “E” Maximum Thickness and Off-set “a” Dimension by Part Number. 22(10) 28 1.1 2.8 1.1 14 .55 4 0.16 N/A N/A mm mm in mm in mm ± 1 in ± .039 mm ± 0.5 in ± .02 mm in 34 42 1.65 37 1.46 25.4 1 7 .275 N/A N/A 34 (8) 42 1.65 37 1.46 22 0.87 6 0.24 N/A N/A NOTES 1. Maximum epoxy extending on leads (measured from bottom portion of disk) is 3mm for all disk sizes with exception of 20mm disk size which is 4mm. 2. Reduced dimensions, special lead diameters and special lead spacing may be available upon request. 3. 20mm disk size - for 10mm leadspacing use suffix “X”. 4. 22mm and 34mm disk size Pin Type dimensions are the same as 22mm and 34mm disk size Tab Lead type (except where noted). 5. 22mm disk size - .5mm (.02”) max. 34mm disk size - .7mm (.028”) max. 6. Dimension: 15mm (.6”) ± 1mm (.039”) 7. 22mm disk size - 4mm (0.16”) ± 2mm (0.8”). 34mm disk size - 6.5mm (0.26”) ± 0.5mm (.02”). 8. 34mm disk size - for 22mm lead spacing use suffix “U”. 9. For “flame retardant coating” (suffix “S”) dimensions “A”, “D”, “E”, and “a” add 10% (x1.10) as this coating is thicker. 10. 22mm disk size - for 14mm lead spacing use suffix “Y”. Standard Dimensions and Lead Modification Options (continued) |
Similar Part No. - EV22D130KP |
|
Similar Description - EV22D130KP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |