Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A29040L-150 Datasheet(PDF) 11 Page - AMIC Technology

Part # A29040L-150
Description  512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29040L-150 Datasheet(HTML) 11 Page - AMIC Technology

Back Button A29040L-150 Datasheet HTML 7Page - AMIC Technology A29040L-150 Datasheet HTML 8Page - AMIC Technology A29040L-150 Datasheet HTML 9Page - AMIC Technology A29040L-150 Datasheet HTML 10Page - AMIC Technology A29040L-150 Datasheet HTML 11Page - AMIC Technology A29040L-150 Datasheet HTML 12Page - AMIC Technology A29040L-150 Datasheet HTML 13Page - AMIC Technology A29040L-150 Datasheet HTML 14Page - AMIC Technology A29040L-150 Datasheet HTML 15Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
A29040 Series
PRELIMINARY
(August, 2001, Version 0.5)
11
AMIC Technology, Inc.
Write Operation Status
Several bits, I/O2, I/O3, I/O5, I/O6, and I/O7, are provided in
the A29040 to determine the status of a write operation.
Table 5 and the following subsections describe the
functions of these status bits. I/O7, I/O6 and I/O2 each offer
a method for determining whether a program or erase
operation is complete or in progress. These three bits are
discussed first.
I/O7: Data Polling
The Data Polling bit, I/O7, indicates to the host system
whether
an
Embedded
Algorithm
is
in
progress
or
completed, or whether the device is in Erase Suspend.
Data Polling is valid after the rising edge of the final WE
pulse in the program or erase command sequence.
During the Embedded Program algorithm, the device
outputs on I/O7 the complement of the datum programmed
to I/O7. This I/O7 status also applies to programming during
Erase Suspend. When the Embedded Program algorithm is
complete, the device outputs the datum programmed to
I/O7. The system must provide the program address to read
valid status information on I/O7. If a program address falls
within a protected sector, Data Polling on I/O7 is active for
approximately 2
µs, then the device returns to reading array
data.
During the Embedded Erase algorithm, Data Polling
produces a "0" on I/O7. When the Embedded Erase
algorithm is complete, or if the device enters the Erase
Suspend mode, Data Polling produces a "1" on I/O7.This is
analogous to the complement/true datum output described
for the Embedded Program algorithm: the erase function
changes all the bits in a sector to "1"; prior to this, the
device outputs the "complement," or "0." The system must
provide an address within any of the sectors selected for
erasure to read valid status information on I/O7.
After an erase command sequence is written, if all sectors
selected for erasing are protected, Data Polling on I/O7 is
active for approximately 100
µs, then the device returns to
reading array data. If not all selected sectors are protected,
the Embedded Erase algorithm erases the unprotected
sectors,
and
ignores
the
selected
sectors
that
are
protected.
When the system detects I/O7 has changed from the
complement to true data, it can read valid data at I/O7 - I/O0
on the following read cycles. This is because I/O7 may
change asynchronously with I/O0 - I/O6 while Output Enable
( OE ) is asserted low. The Data Polling Timings (During
Embedded Algorithms) figure in the "AC Characteristics"
section illustrates this. Table 5 shows the outputs for Data
Polling on I/O7. Figure 3 shows the Data Polling algorithm.
START
Read I/O7-I/O0
Address = VA
I/O7 = Data ?
FAIL
No
Note :
1. VA = Valid address for programming. During a sector
erase operation, a valid address is an address within any
sector selected for erasure. During chip erase, a valid
address is any non-protected sector address.
2. I/O7 should be rechecked even if I/O5 = "1" because
I/O7 may change simultaneously with I/O5.
No
Read I/O7 - I/O0
Address = VA
I/O5 = 1?
I/O7 = Data ?
Yes
No
PASS
Yes
Yes
Figure 3. Data Polling Algorithm


Similar Part No. - A29040L-150

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29040A AMICC-A29040A Datasheet
285Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040A-55 AMICC-A29040A-55 Datasheet
285Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040A-70 AMICC-A29040A-70 Datasheet
285Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040A-90 AMICC-A29040A-90 Datasheet
285Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040AL-55 AMICC-A29040AL-55 Datasheet
285Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results

Similar Description - A29040L-150

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29040B AMICC-A29040B Datasheet
392Kb / 29P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040D AMICC-A29040D Datasheet
392Kb / 29P
   512K X 8 Bit CMOS 5.0 Volt-only,Uniform Sector Flash Memory
A29040A AMICC-A29040A Datasheet
285Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Alliance Semiconductor ...
AS29CF040-55CCIN ALSC-AS29CF040-55CCIN Datasheet
713Kb / 27P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector - Parallel Flash Memory
logo
AMIC Technology
A29L040 AMICC-A29L040 Datasheet
303Kb / 32P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29010B AMICC-A29010B Datasheet
351Kb / 30P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29L040A AMICC-A29L040A Datasheet
405Kb / 30P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29010V-70F AMICC-A29010V-70F Datasheet
347Kb / 29P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29L040 AMICC-A29L040_11 Datasheet
350Kb / 30P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29512A AMICC-A29512A Datasheet
293Kb / 31P
   64K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com