Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXML-PWN1-0120 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # LXML-PWN1-0120
Description  LUXEON짰 Rebel General Purpose White Portfolio
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LXML-PWN1-0120 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button LXML-PWN1-0120 Datasheet HTML 7Page - List of Unclassifed Manufacturers LXML-PWN1-0120 Datasheet HTML 8Page - List of Unclassifed Manufacturers LXML-PWN1-0120 Datasheet HTML 9Page - List of Unclassifed Manufacturers LXML-PWN1-0120 Datasheet HTML 10Page - List of Unclassifed Manufacturers LXML-PWN1-0120 Datasheet HTML 11Page - List of Unclassifed Manufacturers LXML-PWN1-0120 Datasheet HTML 12Page - List of Unclassifed Manufacturers LXML-PWN1-0120 Datasheet HTML 13Page - List of Unclassifed Manufacturers LXML-PWN1-0120 Datasheet HTML 14Page - List of Unclassifed Manufacturers LXML-PWN1-0120 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LUXEON Rebel General Purpose Datasheet DS64 20121212
11
Wavelength Characteristics
Cool-White at Test Current
Thermal Pad Temperature = 25°C
Neutral-White at Test Current
Thermal Pad Temperature = 25ºC
0.8
1
02
0.4
0.6
0.8
1
0
0.2
0.4
0.6
0.8
1
350
400
450
500
550
600
650
700
750
800
Wavelength (nm)
0
0.2
0.4
0.6
0.8
1
350
400
450
500
550
600
650
700
750
800
Wavelength (nm)
Figure 4a. Cool-white color spectrum of typical CCT part, integrated measurement
0.8
1
0.2
0.4
0.6
0.8
1
0
0.2
0.4
0.6
0.8
1
350
400
450
500
550
600
650
700
750
800
Wavelength (nm)
0
0.2
0.4
0.6
0.8
1
350
400
450
500
550
600
650
700
750
800
Wavelength (nm)
Figure 4b. Neutral-white color spectrum of typical CCT part, integrated measurement.


Similar Part No. - LXML-PWN1-0120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXML-PWN1-0120 ETC2-LXML-PWN1-0120 Datasheet
2Mb / 26P
   LUXEON Rebel General Purpose White Portfolio
logo
Lumileds Lighting Compa...
LXML-PWN1-0120 LUMILEDS-LXML-PWN1-0120 Datasheet
2Mb / 26P
   General purpose white
LXML-PWN1-0120 LUMILEDS-LXML-PWN1-0120 Datasheet
1Mb / 2P
   General purpose white
More results

Similar Description - LXML-PWN1-0120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXML-PWC1-0090 ETC2-LXML-PWC1-0090_14 Datasheet
2Mb / 26P
   LUXEON Rebel General Purpose White Portfolio
logo
Lumileds Lighting Compa...
DS68 LUMILEDS-DS68 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
logo
List of Unclassifed Man...
LXZ1-PD01-0056 ETC2-LXZ1-PD01-0056 Datasheet
1Mb / 28P
   Color and White LED Portfolio
logo
Lumileds Lighting Compa...
PB64 LUMILEDS-PB64 Datasheet
1Mb / 2P
   General purpose white
DS64 LUMILEDS-DS64 Datasheet
2Mb / 26P
   General purpose white
DS47 LUMILEDS-DS47 Datasheet
509Kb / 13P
   power light source LUXEON짰 Warm White Emitter and Star
logo
SICK AG
WL11G-2K3431 SICK-WL11G-2K3431 Datasheet
5Mb / 9P
   PRODUCT PORTFOLIO
WL11G-2B2531 SICK-WL11G-2B2531 Datasheet
4Mb / 9P
   PRODUCT PORTFOLIO
WL11G-2B2531P04 SICK-WL11G-2B2531P04 Datasheet
5Mb / 9P
   PRODUCT PORTFOLIO
logo
Lumileds Lighting Compa...
LXML-PX02-0000 LUMILEDS-LXML-PX02-0000 Datasheet
2Mb / 31P
   LUXEON Rebel and LUXEON Rebel ES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com